công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 25Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 26Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 27Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 28Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 29Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 30Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 31Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 32Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 29 of 115
Nov 01, 2012
M16C/63 Group
4. Special Function Registers (SFRs)
4.
Special Function Registers (SFRs)
4.1
SFRs
An SFR is a control register for a peripheral function.
Notes:
1.
The blank areas are reserved. No access is allowed.
2.
Software reset, watchdog timer reset, oscillator stop detect reset, voltage monitor 1 reset, and voltage monitor 2 reset
do not affect the following bits: bits PM01 and PM00 in the PM0 register.
3.
Oscillator stop detect reset does not affect bits CM20, CM21, and CM27.
4.
The state of bits in the RSTFR register depends on the reset type.
5.
This is the reset value after hardware reset. Refer to the explanation of each register for details.
Table 4.1
SFR Information (1) (1)
Address
Register
Symbol
Reset Value
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
0000 0000b
(CNVSS pin is low)
0000 0011b
(CNVSS pin is high) (2)
0005h
Processor Mode Register 1
PM1
0000 1000b
0006h
System Clock Control Register 0
CM0
0100 1000b
0007h
System Clock Control Register 1
CM1
0010 0000b
0008h
Chip Select Control Register
CSR
01h
0009h
External Area Recovery Cycle Control Register
EWR
XXXX XX00b
000Ah
Protect Register
PRCR
00h
000Bh
Data Bank Register
DBR
00h
000Ch
Oscillation Stop Detection Register
CM2
0X00 0010b (3)
000Dh
000Eh
000Fh
0010h
Program 2 Area Control Register
PRG2C
XXXX XX00b
0011h
External Area Wait Control Expansion Register
EWC
00h
0012h
Peripheral Clock Select Register
PCLKR
0000 0011b
0013h
Sub Clock Division Control Register
SCM0
XXXX X000b
0014h
0015h
Clock Prescaler Reset Flag
CPSRF
0XXX XXXXb
0016h
Peripheral Clock Stop Register 1
PCLKSTP1
X000 0000b
0017h
0018h
Reset Source Determine Register
RSTFR
XX00 001Xb
(hardware reset) (4)
0019h
Voltage Detector 2 Flag Register
VCR1
0000 1000b (5)
001Ah
Voltage Detector Operation Enable Register
VCR2
00h (5)
001Bh
Chip Select Expansion Control Register
CSE
00h
001Ch
001Dh
001Eh
Processor Mode Register 2
PM2
XX00 0X01b
001Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com