công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 51 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 51 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 47Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 48Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 49Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 50Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 51Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 52Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 53Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 54Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 51 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
Note:
1.
The average output current is the mean value within 100 ms.
Table 5.3
Recommended Operating Conditions (2/4)
VCC1 = VCC2 = 1.8 to 5.5 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
IOH(sum) High peak
output
current
(100-pin
package)
VCC1, VCC2
≥ 2.7 V
Sum of IOH(peak) at P0_0 to P0_7, P1_0 to
P1_7, P2_0 to P2_7
-40.0
mA
Sum of IOH(peak) at P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7
-40.0
mA
Sum of IOH(peak) at P6_0 to P6_7, P7_2 to
P7_7, P8_0 to P8_4
-40.0
mA
Sum of IOH(peak) at P8_6, P8_7, P9_0 to
P9_7, P10_0 to P10_7
-40.0
mA
VCC1, VCC2
<
2.7 V
Sum of IOH(peak) at P0_0 to P0_7, P1_0 to
P1_7, P2_0 to P2_7
-5.0
mA
Sum of IOH(peak) at P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7
-5.0
mA
Sum of IOH(peak) at P6_0 to P6_7, P7_2 to
P7_7, P8_0 to P8_4
-5.0
mA
Sum of IOH(peak) at P8_6, P8_7, P9_0 to
P9_7, P10_0 to P10_7
-5.0
mA
High peak
output
current
(80-pin
package)
VCC1, VCC2
≥ 2.7 V
Sum of all ports
-80.0
mA
VCC1, VCC2
<
2.7 V
Sum of all ports
-10.0
mA
IOH(peak) High peak
output
current
VCC1, VCC2
≥ 2.7 V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
−10.0
mA
VCC1, VCC2
<
2.7 V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
−1.0
mA
IOH(avg) High
average
output
current (1)
VCC1, VCC2
≥ 2.7 V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
−5.0
mA
VCC1, VCC2
<
2.7 V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
−0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com