công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 41 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 41 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 37Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 38Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 39Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 40Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 41Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 42Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 43Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 44Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 41 of 115
Nov 01, 2012
M16C/63 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.13
SFR Information (13) (1)
Address
Register
Symbol
Reset Value
0330h
Timer B0 Register
TB0
XXh
0331h
XXh
0332h
Timer B1 Register
TB1
XXh
0333h
XXh
0334h
Timer B2 Register
TB2
XXh
0335h
XXh
0336h
Timer A0 Mode Register
TA0MR
00h
0337h
Timer A1 Mode Register
TA1MR
00h
0338h
Timer A2 Mode Register
TA2MR
00h
0339h
Timer A3 Mode Register
TA3MR
00h
033Ah
Timer A4 Mode Register
TA4MR
00h
033Bh
Timer B0 Mode Register
TB0MR
00XX 0000b
033Ch
Timer B1 Mode Register
TB1MR
00XX 0000b
033Dh
Timer B2 Mode Register
TB2MR
00XX 0000b
033Eh
Timer B2 Special Mode Register
TB2SC
X000 0000b
033Fh
0340h
Second Data Register
TRHSEC
0000 0000b
0341h
Minute Data Register
TRHMIN
0000 0000b
0342h
Hour Data Register
TRHHR
0000 0000b
0343h
Day-of-the-Week Data Register
TRHWK
0000 0000b
0344h
Date Data Register
TRHDY
0000 0001b
0345h
Month Data Register
TRHMON
0000 0001b
0346h
Year Data Register
TRHYR
0000 0000b
0347h
Timer RH Control Register
TRHCR
0000 0100b
0348h
Timer RH Count Source Select Register
TRHCSR
0000 1000b
0349h
Clock Error Correction Register
TRHADJ
0000 0000b
034Ah
Timer RH Interrupt Flag Register
TRHIFR
XXX0 0000b
034Bh
Timer RH Interrupt Enable Register
TRHIER
0000 0000b
034Ch
Alarm Minute Register
TRHAMN
0000 0000b
034Dh
Alarm Hour Register
TRHAHR
0000 0000b
034Eh
Alarm Day-of-the-Week Register
TRHAWK
0XXX X000b
034Fh
Timer RH Protect Register
TRHPRC
00XX XXXXb
0350h
CEC Function Control Register 1
CECC1
XXXX X000b
0351h
CEC Function Control Register 2
CECC2
00h
0352h
CEC Function Control Register 3
CECC3
XXXX 0000b
0353h
CEC Function Control Register 4
CECC4
00h
0354h
CEC Flag Register
CECFLG
00h
0355h
CEC Interrupt Source Select Register
CISEL
00h
0356h
CEC Transmit Buffer Register 1
CCTB1
00h
0357h
CEC Transmit Buffer Register 2
CCTB2
XXXX XX00b
0358h
CEC Receive Buffer Register 1
CCRB1
00h
0359h
CEC Receive Buffer Register 2
CCRB2
XXXX X000b
035Ah
CEC Receive Follower Address Set Register 1
CRADRI1
00h
035Bh
CEC Receive Follower Address Set Register 2
CRADRI2
00h
035Ch
035Dh
035Eh
035Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com