công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 54 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 54 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 50Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 51Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 52Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 53Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 54Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 55Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 56Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 57Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 54 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
5.1.3
A/D Conversion Characteristics
Notes:
1.
Use when AVCC = VCC1 = VCC2.
2.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.3 “A/D Accuracy Measure Circuit”.
3.
PUMPON bit in the ADCON1 register is 1 (Voltage multiplier ON)
Table 5.6
A/D Conversion Characteristics (1/2) (1)
AVCC = VCC1 = VCC2 = VREF = 1.8 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-
Resolution
AVCC = VCC1 = VCC2 = VREF
10
Bits
INL
Integral non-linearity error 10 bits
VCC1 =
5.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.3 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
2.2 V (3)
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input
(Note 2)
±6
LSB
VCC1 =
1.8 V (3)
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input
(Note 2)
±6
LSB
-
Absolute accuracy
10 bits
VCC1 =
5.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.3 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
2.2 V (3)
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input
(Note 2)
±6
LSB
VCC1 =
1.8 V (3)
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input
(Note 2)
±6
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com