công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 59 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 59 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 55Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 56Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 57Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 58Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 59Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 60Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 61Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 62Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 59 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
Notes:
1.
Necessary time until the voltage detector operates after setting to 1 again after setting the VC27 bit in the VCR2
register to 0.
2.
Time from when passing the Vdet2 until when a voltage monitor 2 reset is generated.
Note:
1.
To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS1 address
to 0. Also, set the VDSEL1 bit to 0 (Vdet0_2).
Figure 5.4
Power-On Reset Circuit Electrical Characteristics
Table 5.14
Voltage Detector 2 Electrical Characteristics
The measurement condition is VCC1 = 1.8 to 5.5 V, Topr = -20°C to 85°C/-40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level Vdet2_0
When VCC1 is falling
3.70
4.00
4.30
V
-
Hysteresis width at the rising of VCC1 in voltage
detector 2
0.15
V
-
Voltage detector 2 response time (2)
When VCC1 falls from 5
V to (Vdet2_0 - 0.1) V
200
μs
-
Voltage detector self power consumption
VC27 = 1, VCC1 = 5.0 V
1.7
μA
td(E-A)
Waiting time until voltage detector operation starts (1)
100
μs
Table 5.15
Power-On Reset Circuit
The measurement condition is VCC1 = 2.0 to 5.5 V, Topr = -20°C to 85°C/ -40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor1
Voltage at which power-on reset enabled (1)
0.5
V
trth
External power VCC1 rise gradient
2.0
50000 mV/ms
tw(por)
Time necessary to enable power-on reset
300
ms
Vpor1
Internal
reset signal
Voltage detection 0
circuit response time
1
fOCO-S
× 32
VCC1
V
(1)
det0
t rth
tw(por)
t rth
V
(1)
det0
1
fOCO-S
× 32
Note:
1.
Vdet0 indicates the voltage detection level of the voltage detection 0 circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com