công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 58 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 58 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 54Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 55Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 56Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 57Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 58Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 59Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 60Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 61Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 58 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
5.1.6
Voltage Detector and Power Supply Circuit Electrical Characteristics
Notes:
1.
Select the voltage detection level with the VDSEL1 bit in the OFS1 address.
2.
Necessary time until the voltage detector operates when setting to 1 again after setting the VC25 bit in the VCR2
register to 0.
3.
Time from when passing the Vdet0 until when a voltage monitor 0 reset is generated.
Notes:
1.
Select the voltage detection level with bits VD1S0 to VD1S3 in the VD1LS register.
2.
Necessary time until the voltage detector operates when setting to 1 again after setting the VC26 bit in the VCR2
register to 0.
3.
Time from when passing the Vdet1 until when a voltage monitor 1 reset is generated.
Table 5.12
Voltage Detector 0 Electrical Characteristics
The measurement condition is VCC1 = 1.8 to 5.5 V, Topr = -20°C to 85°C/-40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level Vdet0_0 (1)
When VCC1 is falling.
1.80
1.90
2.10
V
Voltage detection level Vdet0_2 (1)
When VCC1 is falling.
2.70
2.85
3.00
V
-
Voltage detector 0 response time (3)
When VCC1 falls from 5 V
to (Vdet0_0 - 0.1) V
200
μs
-
Voltage detector self power consumption
VC25 = 1, VCC1 = 5.0 V
1.5
μA
td(E-A)
Waiting time until voltage detector operation
starts (2)
100
μs
Table 5.13
Voltage Detector 1 Electrical Characteristics
The measurement condition is VCC1 = 1.8 to 5.5 V, Topr = -20°C to 85°C/-40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level Vdet1_0 (1)
When VCC1 is falling.
1.90
2.20
2.50
V
Voltage detection level Vdet1_6 (1)
When VCC1 is falling.
2.80
3.10
3.40
V
Voltage detection level Vdet1_B (1)
When VCC1 is falling.
3.55
3.85
4.15
V
Voltage detection level Vdet1_F (1)
When VCC1 is falling.
4.15
4.45
4.75
V
-
Hysteresis width at the rising of VCC1 in voltage
detector 1
When selecting Vdet1_0
0.10
V
When selecting Vdet1_6 to
Vdet1_F
0.15
V
-
Voltage detector 1 response time (3)
When VCC1 falls from 5 V
to (Vdet1_0 - 0.1) V
200
μs
-
Voltage detector self power consumption
VC26 = 1, VCC1 = 5.0 V
1.7
μA
td(E-A)
Waiting time until voltage detector operation
starts (2)
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com