công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 55 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 55 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 51Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 52Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 53Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 54Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 55Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 56Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 57Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 58Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 55 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
Figure 5.3
A/D Accuracy Measure Circuit
Notes:
1.
Use when AVCC = VCC1 = VCC2.
2.
Do not use A/D converter when VCC1 > VCC2.
3.
When analog input voltage is over reference voltage, the result of A/D conversion is 3FFh.
4.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.3 “A/D Accuracy Measure Circuit”.
5.1.4
D/A Conversion Characteristics
Notes:
1.
This applies when using one D/A converter, with the D/A register for the unused D/A converter set to 00h.
2.
The current consumption of the A/D converter is not included. Also, the IVREF of the D/A converter will flow even
if the ADSTBY bit in the ADCON1 register is 0 (A/D operation stopped (standby)).
Table 5.7
A/D Conversion Characteristics (2/2) (1)
AVCC = VCC1 = VCC2 = VREF = 1.8 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
φAD
A/D operating clock frequency
4.0 V
≤ V
REF ≤ AVCC ≤ 5.5 V
2
20
MHz
3.2 V
≤ V
REF ≤ AVCC ≤ 5.5 V
2
16
MHz
3.0 V
≤ V
REF ≤ AVCC ≤ 5.5 V
2
10
MHz
1.8 V
≤ V
REF ≤ AVCC ≤ 5.5 V
2
5
MHz
-
Tolerance level impedance
3
k
Ω
DNL
Differential non-linearity error
(4)
±1
LSB
-
Offset error
(4)
±3
LSB
-
Gain error
(4)
±3
LSB
tCONV
10-bit conversion time
VCC1 = 5 V, φAD = 20 MHz
2.15
μs
tSAMP
Sampling time
0.75
μs
VREF
Reference voltage
1.8
AVCC
V
VIA
Analog input voltage (2), (3)
0VREF
V
Table 5.8
D/A Conversion Characteristics
VCC1 = AVCC = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-
Resolution
8Bits
-
Absolute Accuracy
2.5
LSB
tSU
Setup Time
3
μs
RO
Output Resistance
56
8.2
k
Ω
IVREF
Reference Power Supply Input Current
See Notes 1 and 2
1.5
mA
AN
Analog input
AN: One of the analog input pin
P0 to P10: I/O pins other than AN
P0 to P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com