công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

376 bảng dữ liệu(PDF) 78 Page - Intel Corporation

tên linh kiện 376
Giải thích chi tiết về linh kiện  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

376 bảng dữ liệu(HTML) 78 Page - Intel Corporation

Back Button 376 Datasheet HTML 74Page - Intel Corporation 376 Datasheet HTML 75Page - Intel Corporation 376 Datasheet HTML 76Page - Intel Corporation 376 Datasheet HTML 77Page - Intel Corporation 376 Datasheet HTML 78Page - Intel Corporation 376 Datasheet HTML 79Page - Intel Corporation 376 Datasheet HTML 80Page - Intel Corporation 376 Datasheet HTML 81Page - Intel Corporation 376 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 81 80376 Instruction Set Clock Count Summary
(Continued)
Clock
Number
Instruction
Format
Counts
of Data
Notes
Cycles
REPEATED STRING MANIPULATION
(Continued)
REPNE CMPS e Compare String
(Find Match)
11110010
1010011w
5 a 9n
2n
a
REP INS e Input String
11110011
0110110w
27 a 6n
7 a 6n
1n
1n
afk
afl
REP LODS e Load String
11110011
1010110w
5 a 6n
1n
a
REP MOVS e Move String
11110011
1010010w
7 a 4n
2n
a
REP OUTS e Output String
11110011
0110111w
26 a 5n
6 a 5n
1n
1n
afk
afl
REPE SCAS e Scan String
(Find Non-ALAXEAX)
11110011
1010111w
5 a 8n
1n
a
REPNE SCAS e Scan String
(Find ALAXEAX)
11110010
1010111w
5 a 8n
1n
a
REP STOS e Store String
11110011
1010101w
5 a 5n
1n
a
BIT MANIPULATION
BSF e Scan Bit Forward
00001111
10111100
mod reg
r m
10 a 3n
2n
a
BSR e Scan Bit Reverse
00001111
10111101
mod reg
r m
10 a 3n
2n
a
BT e Test Bit
RegisterMemory Immediate
00001111
10111010
mod100
r m immed 8-bit data
36
01
a
RegisterMemory Register
00001111
10100011
mod reg
r m
312
01
a
BTC e Test Bit and Complement
RegisterMemory Immediate
00001111
10111010
mod111
r m immed 8-bit data
68
02
a
RegisterMemory Register
00001111
10111011
mod reg
r m
613
02
a
BTR e Test Bit and Reset
RegisterMemory Immediate
00001111
10111010
mod110
r m immed 8-bit data
68
02
a
RegisterMemory Register
00001111
10110011
mod reg
r m
613
02
a
BTS e Test Bit and Set
RegisterMemory Immediate
00001111
10111010
mod101
r m immed 8-bit data
68
02
a
RegisterMemory Register
00001111
10101011
mod reg
r m
613
02
a
CONTROL TRANSFER
CALL e Call
Direct within Segment
11101000
full displacement
9 a m
2j
RegisterMemory
Indirect within Segment
11111111
mod010
r m
9 a m12 a m
23
a j
Direct Intersegment
10011010
unsigned full offset selector
42 a m
9
c d j
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95