| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
376 bảng dữ liệu(PDF) 81 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
376 bảng dữ liệu(HTML) 81 Page - Intel Corporation |
|
81 / 95 page ![]() 376 EMBEDDED PROCESSOR Table 81 80376 Instruction Set Clock Count Summary (Continued) Clock Number Instruction Format Counts of Data Notes Cycles CONDITIONAL JUMPS (Continued) JNS e Jump on Not Sign 8-Bit Displacement 01111001 8-bit displ 7 a mor3 j Full Displacement 00001111 10001001 full displacement 7 a mor3 j JPJPE e Jump on ParityParity Even 8-Bit Displacement 01111010 8-bit displ 7 a mor3 j Full Displacement 00001111 10001010 full displacement 7 a mor3 j JNPJPO e Jump on Not ParityParity Odd 8-Bit Displacement 01111011 8-bit displ 7 a mor3 j Full Displacement 00001111 10001011 full displacement 7 a mor3 j JLJNGE e Jump on LessNot Greater or Equal 8-Bit Displacement 01111100 8-bit displ 7 a mor3 j Full Displacement 00001111 10001100 full displacement 7 a mor3 j JNLJGE e Jump on Not LessGreater or Equal 8-Bit Displacement 01111101 8-bit displ 7 a mor3 j Full Displacement 00001111 10001101 full displacement 7 a mor3 j JLEJNG e Jump on Less or EqualNot Greater 8-Bit Displacement 01111110 8-bit displ 7 a mor3 j Full Displacement 00001111 10001110 full displacement 7 a mor3 j JNLEJG e Jump on Not Less or EqualGreater 8-Bit Displacement 01111111 8-bit displ 7 a mor3 j Full Displacement 00001111 10001111 full displacement 7 a mor3 j JECXZ e Jump on ECX Zero 11100011 8-bit displ 9 a mor5 j (Address Size Prefix Differentiates JCXZ from JECXZ) LOOP e Loop ECX Times 11100010 8-bit displ 11 a mj LOOPZLOOPE e Loop with ZeroEqual 11100001 8-bit displ 11 a mj LOOPNZLOOPNE e Loop While Not Zero 11100000 8-bit displ 11 a mj CONDITIONAL BYTE SET NOTE Times Are RegisterMemory SETO e Set Byte on Overflow To RegisterMemory 00001111 10010000 mod000 r m 4 5 01 a SETNO e Set Byte on Not Overflow To RegisterMemory 00001111 10010001 mod000 r m 4 5 01 a SETBSETNAE e Set Byte on BelowNot Above or Equal To RegisterMemory 00001111 10010010 mod000 r m 4 5 01 a 81 |