| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
376 bảng dữ liệu(PDF) 80 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
376 bảng dữ liệu(HTML) 80 Page - Intel Corporation |
|
80 / 95 page ![]() 376 EMBEDDED PROCESSOR Table 81 80376 Instruction Set Clock Count Summary (Continued) Clock Number Instruction Format Counts of Data Notes Cycles CONTROL TRANSFER (Continued) RET e Return from CALL Within Segment 11000011 12 a m 2 ajp Within Segment Adding Immediate to SP 11000010 16-bit displ 12 a m 2 ajp Intersegment 11001011 36 a m 4 acdjp Intersegment Adding Immediate to SP 11001010 16-bit displ 36 a m 4 acdjp to Different Privilege Level Intersegment 80 4 cdjp Intersegment Adding Immediate to SP 80 4 cdjp CONDITIONAL JUMPS NOTE Times Are Jump ‘‘Taken or Not Taken’’ JO e Jump on Overflow 8-Bit Displacement 01110000 8-bit displ 7 a mor3 j Full Displacement 00001111 10000000 full displacement 7 a mor3 j JNO e Jump on Not Overflow 8-Bit Displacement 01110001 8-bit displ 7 a mor3 j Full Displacement 00001111 10000001 full displacement 7 a mor3 j JBJNAE e Jump on BelowNot Above or Equal 8-Bit Displacement 01110010 8-bit displ 7 a mor3 j Full Displacement 00001111 10000010 full displacement 7 a mor3 j JNBJAE e Jump on Not BelowAbove or Equal 8-Bit Displacement 01110011 8-bit displ 7 a mor3 j Full Displacement 00001111 10000011 full displacement 7 a mor3 j JEJZ e Jump on EqualZero 8-Bit Displacement 01110100 8-bit displ 7 a mor3 j Full Displacement 00001111 10000100 full displacement 7 a mor3 j JNEJNZ e Jump on Not EqualNot Zero 8-Bit Displacement 01110101 8-bit displ 7 a mor3 j Full Displacement 00001111 10000101 full displacement 7 a mor3 j JBEJNA e Jump on Below or EqualNot Above 8-Bit Displacement 01110110 8-bit displ 7 a mor3 j Full Displacement 00001111 10000110 full displacement 7 a mor3 j JNBEJA e Jump on Not Below or EqualAbove 8-Bit Displacement 01110111 8-bit displ 7 a mor3 j Full Displacement 00001111 10000111 full displacement 7 a mor3 j JS e Jump on Sign 8-Bit Displacement 01111000 8-bit displ 7 a mor3 j Full Displacement 00001111 10001000 full displacement 7 a mor3 j 80 |