| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
376 bảng dữ liệu(PDF) 74 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
376 bảng dữ liệu(HTML) 74 Page - Intel Corporation |
|
74 / 95 page ![]() 376 EMBEDDED PROCESSOR Table 81 80376 Instruction Set Clock Count Summary (Continued) Clock Number Instruction Format Counts of Data Notes Cycles SEGMENT CONTROL LDS e Load Pointer to DS 11000101 mod reg r m 26 6 a b c LES e Load Pointer to ES 11000100 mod reg r m 26 6 a b c LFS e Load Pointer to FS 00001111 10110100 mod reg r m 29 6 a b c LGS e Load Pointer to GS 00001111 10110101 mod reg r m 29 6 a b c LSS e Load Pointer to SS 00001111 10110010 mod reg r m 26 6 a b c FLAG CONTROL CLC e Clear Carry Flag 11111000 2 CLD e Clear Direction Flag 11111100 2 CLI e Clear Interrupt Enable Flag 11111010 8 f CLTS e Clear Task Switched Flag 00001111 00000110 5 e CMC e Complement Carry Flag 11110101 2 LAHF e Load AH into Flag 10011111 2 POPF e Pop Flags 10011101 7 a g PUSHF e Push Flags 10011100 4 a SAHF e Store AH into Flags 10011110 3 STC e Set Carry Flag 11111001 2 STD e Set Direction Flag 11111101 2 STI e Set Interrupt Enable Flag 11111011 8 f ARITHMETIC ADD e Add Register to Register 000000dw mod reg r m 2 Register to Memory 0000000w mod reg r m 7 2 a Memory to Register 0000001w mod reg r m 6 1 a Immediate to RegisterMemory 100000sw mod000 r m immediate data 27 02 a Immediate to Accumulator (Short Form) 0000010w immediate data 2 ADC e Add with Carry Register to Register 000100dw mod reg r m 2 Register to Memory 0001000w mod reg r m 7 2 a Memory to Register 0001001w mod reg r m 6 1 a Immediate to RegisterMemory 100000sw mod010 r m immediate data 27 02 a Immediate to Accumulator (Short Form) 0001010w immediate data 2 INC e Increment RegisterMemory 1111111w mod000 r m 2 6 02 a Register (Short Form) 01000 reg 2 SUB e Subtract Register from Register 001010dw mod reg r m 2 74 |