công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S26GL01GS11DFV010 bảng dữ liệu(PDF) 80 Page - SPANSION

tên linh kiện S26GL01GS11DFV010
Giải thích chi tiết về linh kiện  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S26GL01GS11DFV010 bảng dữ liệu(HTML) 80 Page - SPANSION

Back Button S26GL01GS11DFV010 Datasheet HTML 76Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 77Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 78Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 79Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 80Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 81Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 82Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 83Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
80
GL-S MirrorBit® Family
S29GL_128S_01GS_00_07 December 21, 2012
Da ta
Sh e e t
10.4
AC Characteristics
10.4.1
Asynchronous Read Operations
Note:
1. Not 100% tested.
Note:
1. Not 100% tested.
Table 10.3 Read Operation VIO = VCC = 2.7V to 3.6V (-40°C to +85°C)
Parameter
Description
Test Setup
Speed Option
Unit
JEDEC
Std
90
100
110
tAVAV
tRC
Read Cycle Time (Note 1)
128 Mb, 256 Mb
Min
90
100
ns
512 Mb, 1 Gb
100
110
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
128 Mb, 256 Mb
Max
90
100
ns
512 Mb, 1 Gb
100
110
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
128 Mb, 256 Mb
Max
90
100
ns
512 Mb, 1 Gb
100
110
tPACC
Page Access Time
128 Mb, 256 Mb
Max
15
20
ns
512 Mb, 1 Gb
15
20
tGLQV
tOE
Output Enable to Output Delay
Max
25
ns
tAXQX
tOH
Output Hold time from addresses, CE# or OE#,
Whichever Occurs First
Min
0
ns
tEHQZ
tDF
Chip Enable or Output Enable to Output High-Z
(Note 1)
Max
15
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tASSB Automatic Sleep to Standby time (Note 1)
CE# = VIL,
Address stable
Typ
5
µs
Max
8
µs
Table 10.4 Read Operation VIO = 1.65V to VCC, VCC = 2.7V to 3.6V (-40°C to +85°C)
Parameter
Description
Test Setup
Speed Options
Unit
JEDEC
Std
100
110
120
tAVAV
tRC
Read Cycle Time (Note 1)
128 Mb, 256 Mb
Min
100
110
ns
512 Mb, 1 Gb
110
120
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
128 Mb, 256 Mb
Max
100
110
ns
512 Mb, 1 Gb
110
120
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
128 Mb, 256 Mb
Max
100
110
ns
512 Mb, 1 Gb
110
120
tPACC
Page Access Time
128 Mb, 256 Mb
Max
25
30
ns
512 Mb, 1 Gb
25
30
tGLQV
tOE
Output Enable to Output Delay
Max
35
ns
tAXQX
tOH
Output Hold time from addresses, CE# or OE#,
Whichever Occurs First
Min
0
ns
tEHQZ
tDF
Chip Enable or Output Enable to Output High-Z
(Note 1)
Max
20
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tASSB
Automatic Sleep to Standby time (Note 1)
CE# = VIL,
Address stable
Typ
5
µs
Max
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com