công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S26GL01GS11DFV010 bảng dữ liệu(PDF) 74 Page - SPANSION

tên linh kiện S26GL01GS11DFV010
Giải thích chi tiết về linh kiện  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S26GL01GS11DFV010 bảng dữ liệu(HTML) 74 Page - SPANSION

Back Button S26GL01GS11DFV010 Datasheet HTML 70Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 71Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 72Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 73Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 74Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 75Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 76Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 77Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 78Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
74
GL-S MirrorBit® Family
S29GL_128S_01GS_00_07 December 21, 2012
Da ta
Sh e e t
9.4
DC Characteristics
Notes:
1. ICC active while Embedded Algorithm is in progress.
2. Not 100% tested.
3. Automatic sleep mode enables the lower power mode when addresses remain stable for the specified designated time.
4. VIO = 1.65V to VCC or 2.7V to VCC depending on the model.
5. VCC = 3V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at >1.8V.
6. During power-up there are spikes of current demand, the system needs to be able to supply this current to insure the part initializes
correctly.
7. If an embedded operation is in progress at the start of reset, the current consumption will remain at the embedded operation specification
until the embedded operation is stopped by the reset. If no embedded operation is in progress when reset is started, or following the
stopping of an embedded operation, ICC5 will be drawn during the remainder of tRPH. After the end of tRPH the device will go to standby
mode until the next read or write.
8. The recommended pull-up resistor for RY/BY# output is 5k to 10k Ohms.
Table 9.3 DC Characteristics (-40°C to +85°C)
Parameter
Description
Test Conditions
Min
Typ
(Note 2)
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC max
+0.02
±1.0
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
+0.02
±1.0
µA
ICC1
VCC Active Read Current
CE# = VIL, OE# = VIH, Address
switching@ 5 MHz, VCC = VCC max
55
60
mA
ICC2
VCC Intra-Page Read Current
CE# = VIL, OE# = VIH, Address
switching@ 33 MHz, VCC = VCC max
925
mA
ICC3
VCC Active Erase/Program
Current (Notes 1, 2)
CE# = VIL, OE# = VIH, VCC = VCC max
45
100
mA
ICC4
VCC Standby Current
CE#, RESET#, OE# = VIH, VIH = VIO
VIL = VSS, VCC = VCC max
70
100
µA
ICC5
VCC Reset Current (Notes 2, 7)
CE# = VIH, RESET# = VIL,
VCC = VCC max
10
20
mA
ICC6
Automatic Sleep Mode (Note 3)
VIH = VIO, VIL = VSS ,
VCC = VCC max, tACC + 30 ns
36
mA
VIH = VIO, VIL = VSS,
VCC = VCC max, tASSB
100
150
µA
ICC7
VCC Current during power up
(Notes 2, 6)
RESET# = VIO, CE# = VIO, OE# = VIO,
VCC = VCC max,
53
80
mA
VIL
Input Low Voltage (Note 4)
-0.5
0.3 x VIO
V
VIH
Input High Voltage (Note 4)
0.7 x VIO
VIO + 0.4
V
VOL
Output Low Voltage (Notes 4, 8)
IOL = 100 µA for DQ15-DQ0;
IOL = 2 mA for RY/BY#
0.15 x VIO
V
VOH
Output High Voltage (Note 4)
IOH = 100 µA
0.85 x VIO
V
VLKO
Low VCC Lock-Out Voltage
(Note 2)
2.25
2.5
V
VRST
Low VCC Power on Reset Voltage
(Note 2)
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com