công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S26GL01GS11DFV010 bảng dữ liệu(PDF) 60 Page - SPANSION

tên linh kiện S26GL01GS11DFV010
Giải thích chi tiết về linh kiện  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S26GL01GS11DFV010 bảng dữ liệu(HTML) 60 Page - SPANSION

Back Button S26GL01GS11DFV010 Datasheet HTML 56Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 57Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 58Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 59Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 60Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 61Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 62Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 63Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 64Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
60
GL-S MirrorBit® Family
S29GL_128S_01GS_00_07 December 21, 2012
Da ta
Sh e e t
6.2
Device ID and Common Flash Interface (ID-CFI) ASO Map
The Device ID portion of the ASO (word locations 0h to 0Fh) provides manufacturer ID, device ID, Sector
Protection State, and basic feature set information for the device.
ID-CFI Location 02h displays sector protection status for the sector selected by the sector address (SA) used
in the ID-CFI enter command. To read the protection status of more than one sector it is necessary to exit the
ID ASO and enter the ID ASO using the new SA. The access time to read location 02h is always tACC and a
read of this location requires CE# to go High before the read and return Low to initiate the read
(asynchronous read access). Page mode read between location 02h and other ID locations is not supported.
Page mode read between ID locations other than 02h is supported.
For additional information see ID-CFI ASO on page 35.
Table 6.2 ID (Autoselect) Address Map
Description
Address
Read Data
Manufacture ID
(SA) + 0000h
0001h
Device ID
(SA) + 0001h
227Eh
Protection
Verification
(SA) + 0002h
Sector Protection State (1= Sector protected, 0= Sector unprotected). This protection state
is shown only for the SA selected when entering ID-CFI ASO. Reading other SA provides
undefined data. To read a different SA protection state ASO exit command must be used
and then enter ID-CFI ASO again with the new SA.
Indicator Bits
(SA) + 0003h
DQ15-DQ08 = 1 (Reserved)
DQ7 - Factory Locked Secure Silicon Region
1 = Locked,
0 = Not Locked
DQ6 - Customer Locked Secure Silicon Region
1 = Locked
0 = Not Locked
DQ5 = 1 (Reserved)
DQ4 - WP# Protects
0 = lowest address Sector
1 = highest address Sector
DQ3 - DQ0 = 1 (Reserved)
RFU
(SA) + 0004h
Reserved
(SA) + 0005h
Reserved
(SA) + 0006h
Reserved
(SA) + 0007h
Reserved
(SA) + 0008h
Reserved
(SA) + 0009h
Reserved
(SA) + 000Ah
Reserved
(SA) + 000Bh
Reserved
Lower Software Bits
(SA) + 000Ch
Bit 0 - Status Register Support
1 = Status Register Supported
0 = Status Register not supported
Bit 1 - DQ polling Support
1 = DQ bits polling supported
0 = DQ bits polling not supported
Bit 3-2 - Command Set Support
11 = reserved
10 = reserved
01 = Reduced Command Set
00 = Classic Command set
Bits 4-15 - Reserved = 0
Upper Software Bits
(SA) + 000Dh
Reserved
Device ID
(SA) + 000Eh
2228h = 1 Gb
2223h = 512 Mb
2222h = 256 Mb
2221h = 128 Mb
Device ID
(SA) + 000Fh
2201h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com