công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S26GL01GS11DFV010 bảng dữ liệu(PDF) 71 Page - SPANSION

tên linh kiện S26GL01GS11DFV010
Giải thích chi tiết về linh kiện  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S26GL01GS11DFV010 bảng dữ liệu(HTML) 71 Page - SPANSION

Back Button S26GL01GS11DFV010 Datasheet HTML 67Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 68Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 69Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 70Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 71Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 72Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 73Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 74Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
December 21, 2012 S29GL_128S_01GS_00_07
GL-S MirrorBit® Family
71
Data
She e t
9.
Electrical Specifications
9.1
Absolute Maximum Ratings
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, input or I/O pins may undershoot VSS to -2.0V for periods of
up to 20 ns. See Figure 9.3 on page 73. Maximum DC voltage on input or I/O pins is VCC +0.5V. During voltage transitions, input or I/O
pins may overshoot to VCC +2.0V for periods up to 20 ns. See Figure 9.4 on page 73
2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
3. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
9.2
Latchup Characteristics
This product complies with JEDEC standard JESD78C latchup testing requirements.
9.3
Operating Ranges
9.3.1
Temperature Ranges
Industrial (I) Devices
Ambient Temperature (TA)
-40°C to +85°C
9.3.2
Power Supply Voltages
VCC
2.7V to 3.6V
VIO
1.65V to VCC + 200 mV
Operating ranges define those limits between which the functionality of the device is guaranteed.
9.3.3
Power-Up and Power-Down
During power-up or power-down VCC must always be greater than or equal to VIO (VCC ≥ VIO).
The device ignores all inputs until a time delay of tVCS has elapsed after the moment that VCC and VIO both
rise above, and stay above, the minimum VCC and VIO thresholds. During tVCS the device is performing power
on reset operations.
During power-down or voltage drops below VCC Lockout maximum (VLKO), the VCC and VIO voltages must
drop below VCC Reset (VRST) minimum for a period of tPD for the part to initialize correctly when VCC and VIO
again rise to their operating ranges. See Figure 9.2 on page 72. If during a voltage drop the VCC stays above
VLKO maximum the part will stay initialized and will work correctly when VCC is again above VCC minimum. If
the part locks up from improper initialization, a hardware reset can be used to initialize the part correctly.
Normal precautions must be taken for supply decoupling to stabilize the VCC and VIO power supplies. Each
device in a system should have the VCC and VIO power supplies decoupled by a suitable capacitor close to
the package connections (this capacitor is generally on the order of 0.1 µF). At no time should VIO be greater
then 200 mV above VCC (VCC ≥ VIO - 200 mV).
Table 9.1 Absolute Maximum Ratings
Storage Temperature Plastic Packages
-65°C to +150°C
Ambient Temperature with Power Applied
-65°C to +125°C
Voltage with Respect to Ground
All pins other than RESET# (Note 1)
-0.5V to (VIO + 0.5V)
RESET# (Note 1)
-0.5V to (VCC + 0.5V)
Output Short Circuit Current (Note 2)
100 mA
VCC
-0.5V to +4.0V
VIO
-0.5V to +4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com