công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S26GL01GS11DFV010 bảng dữ liệu(PDF) 79 Page - SPANSION

tên linh kiện S26GL01GS11DFV010
Giải thích chi tiết về linh kiện  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S26GL01GS11DFV010 bảng dữ liệu(HTML) 79 Page - SPANSION

Back Button S26GL01GS11DFV010 Datasheet HTML 75Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 76Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 77Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 78Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 79Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 80Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 81Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 82Page - SPANSION S26GL01GS11DFV010 Datasheet HTML 83Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
December 21, 2012 S29GL_128S_01GS_00_07
GL-S MirrorBit® Family
79
Data
She e t
10.3.2
Hardware (Warm) Reset
During Hardware Reset (tRPH) the device will draw ICC5 current.
When RESET# continues to be held at VSS, the device draws CMOS standby current (ICC4). If RESET# is
held at VIL, but not at VSS, the standby current is greater.
If a Cold Reset has not been completed by the device when RESET# is asserted Low after tVCS, the Cold
Reset# EA will be performed instead of the Warm RESET#, requiring tVCS time to complete.
See Figure 10.4, Hardware Reset on page 79.
After the device has completed POR and entered the Standby state, any later transition to the Hardware
Reset state will initiate the Warm Reset Embedded Algorithm. A Warm Reset is much shorter than a Cold
Reset, taking tens of µs (tRPH) to complete. During the Warm Reset EA, any in progress Embedded Algorithm
is stopped and the EAC is returned to its POR state without reloading EAC algorithms from non-volatile
memory. After the Warm Reset EA completes, the interface will remain in the Hardware Reset state if
RESET# remains Low. When RESET# returns High the interface will transit to the Standby state. If RESET#
is High at the end of the Warm Reset EA, the interface will directly transit to the Standby state.
If POR has not been properly completed by the end of tVCS, a later transition to the Hardware Reset state will
cause a transition to the Power-on Reset interface state and initiate the Cold Reset Embedded Algorithm.
This ensures the device can complete a Cold Reset even if some aspect of the system Power-On voltage
ramp-up causes the POR to not initiate or complete correctly. The RY/BY# pin is Low during cold or warm
reset as an indication that the device is busy performing reset operations.
Hardware Reset is initiated by the RESET# signal going to VIL.
Figure 10.4 Hardware Reset
RESET#
CE#
tRP
tRPH
tRH
tCEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com