công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR3LP26B bảng dữ liệu(PDF) 169 Page - Agere Systems

tên linh kiện OR3LP26B
Giải thích chi tiết về linh kiện  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

OR3LP26B bảng dữ liệu(HTML) 169 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 165Page - Agere Systems OR3LP26B Datasheet HTML 166Page - Agere Systems OR3LP26B Datasheet HTML 167Page - Agere Systems OR3LP26B Datasheet HTML 168Page - Agere Systems OR3LP26B Datasheet HTML 169Page - Agere Systems OR3LP26B Datasheet HTML 170Page - Agere Systems OR3LP26B Datasheet HTML 171Page - Agere Systems OR3LP26B Datasheet HTML 172Page - Agere Systems OR3LP26B Datasheet HTML 173Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 184 page
background image
Lucent Technologies Inc.
169
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information (continued)
Table 70. Pinout Information (continued)
* These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi-
tion of the power pad relative to nearby signal pads.
† Pins marked No Connect must be left unconnected.
‡ These pins are connected to a power plane in the package rather than to a particular pad.
OR3LP26B Pad
Function
PBGA 352
PBGAM 680
PT6D
I/O
B8
E11
PT6C
I/O
—
A10
PT6B
I/O
—
B10
PT6A
I/O-TDI
A8
C10
VSS
VSS
VSS*VSS*
PT5D
I/O
C9
D10
PT5C
I/O
B7
E10
PT5B
I/O
D8
A9
PT5A
—
—
—
VDD2VDD2A7
VDD2
PT4D
I/O
C8
B9
PT4C
I/O
B6
C9
PT4B
I/O
D7
D9
PT4A
I/O-TMS
A6
E9
VSS
VSS
VSS*VSS*
PT3D
I/O
C7
A8
PT3C
I/O
—
B8
PT3B
I/O
—
D8
PT3A
I/O
B5
E8
PT2D
I/O
A5
A7
PT2C
I/O
C6
B7
PT2B
I/O
B4
D7
PT2A
I/O
D5
E7
VDD
VDD
VDD*VDD*
PT1D
I/O
A4
A6
PT1C
I/O
C5
C6
PT1B
I/O
B3
D6
PT1A
I/O-TCK
C4
B5
VSS
VSS
VSS*VSS*
PRD_DATA
RD_DATA/TDO
A3
A4
VDD
VDD
VDD*
VDD*
VDD2VDD2—
VDD2
‡VDD
——
‡VDD
—A3
‡VDD
—A32
‡VDD
——
‡VDD
—B3
‡VDD
—B4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More