| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR3LP26B bảng dữ liệu(PDF) 116 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B bảng dữ liệu(HTML) 116 Page - Agere Systems |
|
116 / 184 page ![]() ORCA OR3LP26B FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 116 Lucent Technologies Inc. Lucent Technologies Inc. PCI Bus Core Detailed Description Quad Port (continued) Target Read Memory, Nonburst, Delayed Transaction Figure 42 (PCI bus) and Figure 43 (FPGA bus) show the timing for a Target memory nonburst read handled as a delayed transaction. The FPGA application indicates its desire to do this by asserting signal deltrn. The timing on the PCI interface (Figure 42) is similar to that of an I/O read (Figure 40) except that stop is not asserted here to cause disconnect with data, but rather the operation is free to continue since it is allowed to complete on the source (PCI) bus before it completes on the destination (FPGA) bus. The FPGA interface timing is as shown in Figure 43 and is the same as the timing in the I/O accesses of Target I/O read, delayed transaction and Target I/O read, no delayed transaction. 5-8860(F).a Figure 42. Target Memory Single Read, Delayed (PCI Bus, 64-Bit) Ta0 Ta1 Ta2 Ta3 Ta4 Ta5 Ta6 Tb0 Tb1 Tb2 Tb3 Tb4 Tb5 Tb6 Tc0 Tc1 Tc2 Tc3 Tc4 Tc5 Tc6 X ADRS X X ADRS X X ADRS X DATA X CMD BEs X X CMD BEs X X CMD BEs X clk framen ad c_ben irdyn devseln trdyn stopn TRANSACTION #1: ADDRESS, BYTE ENABLES, AND COMMAND LATCHED AS A DELAYED READ REQUEST. TRANSACTION #2: DISCONNECTED W/O DATA BECAUSE READ OPERATION NOT COMPLETED. TRANSACTION #3: NORMAL COMPLETION BECAUSE READ OPERATION COMPLETED. |