công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY8C58LP bảng dữ liệu(PDF) 119 Page - Cypress Semiconductor

tên linh kiện CY8C58LP
Giải thích chi tiết về linh kiện  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP bảng dữ liệu(HTML) 119 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 114Page - Cypress Semiconductor CY8C58LP Datasheet HTML 115Page - Cypress Semiconductor CY8C58LP Datasheet HTML 116Page - Cypress Semiconductor CY8C58LP Datasheet HTML 117Page - Cypress Semiconductor CY8C58LP Datasheet HTML 118Page - Cypress Semiconductor CY8C58LP Datasheet HTML 119Page - Cypress Semiconductor CY8C58LP Datasheet HTML 120Page - Cypress Semiconductor CY8C58LP Datasheet HTML 121Page - Cypress Semiconductor CY8C58LP Datasheet HTML 122Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 119 of 122
14. Acronyms
Table 14-1. Acronyms Used in this Document
Acronym
Description
abus
analog local bus
ADC
analog-to-digital converter
AG
analog global
AHB
AMBA (advanced microcontroller bus archi-
tecture) high-performance bus, an ARM data
transfer bus
ALU
arithmetic logic unit
AMUXBUS
analog multiplexer bus
API
application programming interface
APSR
application program status register
ARM®
advanced RISC machine, a CPU architecture
ATM
automatic thump mode
BW
bandwidth
CAN
Controller Area Network, a communications
protocol
CMRR
common-mode rejection ratio
CPU
central processing unit
CRC
cyclic redundancy check, an error-checking
protocol
DAC
digital-to-analog converter, see also IDAC, VDAC
DFB
digital filter block
DIO
digital input/output, GPIO with only digital
capabilities, no analog. See GPIO.
DMA
direct memory access, see also TD
DNL
differential nonlinearity, see also INL
DNU
do not use
DR
port write data registers
DSI
digital system interconnect
DWT
data watchpoint and trace
ECC
error correcting code
ECO
external crystal oscillator
EEPROM
electrically erasable programmable read-only
memory
EMI
electromagnetic interference
EMIF
external memory interface
EOC
end of conversion
EOF
end of frame
EPSR
execution program status register
ESD
electrostatic discharge
ETM
embedded trace macrocell
FIR
finite impulse response, see also IIR
FPB
flash patch and breakpoint
FS
full-speed
GPIO
general-purpose input/output, applies to a PSoC
pin
HVI
high-voltage interrupt, see also LVI, LVD
IC
integrated circuit
IDAC
current DAC, see also DAC, VDAC
IDE
integrated development environment
I2C, or IIC
Inter-Integrated Circuit, a communications
protocol
IIR
infinite impulse response, see also FIR
ILO
internal low-speed oscillator, see also IMO
IMO
internal main oscillator, see also ILO
INL
integral nonlinearity, see also DNL
I/O
input/output, see also GPIO, DIO, SIO, USBIO
IPOR
initial power-on reset
IPSR
interrupt program status register
IRQ
interrupt request
ITM
instrumentation trace macrocell
LCD
liquid crystal display
LIN
Local Interconnect Network, a communications
protocol.
LR
link register
LUT
lookup table
LVD
low-voltage detect, see also LVI
LVI
low-voltage interrupt, see also HVI
LVTTL
low-voltage transistor-transistor logic
MAC
multiply-accumulate
MCU
microcontroller unit
MISO
master-in slave-out
NC
no connect
NMI
nonmaskable interrupt
NRZ
non-return-to-zero
NVIC
nested vectored interrupt controller
NVL
nonvolatile latch, see also WOL
opamp
operational amplifier
PAL
programmable array logic, see also PLD
PC
program counter
PCB
printed circuit board
PGA
programmable gain amplifier
Table 14-1. Acronyms Used in this Document
(continued)
Acronym
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com