| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY8C58LP bảng dữ liệu(PDF) 38 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8C58LP bảng dữ liệu(HTML) 38 Page - Cypress Semiconductor |
|
38 / 122 page ![]() PRELIMINARY PSoC® 5LP: CY8C58LP Family Datasheet Document Number: 001-84932 Rev. ** Page 38 of 122 7.2 Universal Digital Block The Universal Digital Block (UDB) represents an evolutionary step to the next generation of PSoC embedded digital peripheral functionality. The architecture in first generation PSoC digital blocks provides coarse programmability in which a few fixed functions with a small number of options are available. The new UDB architecture is the optimal balance between configuration granularity and efficient implementation. A cornerstone of this approach is to provide the ability to customize the devices digital operation to match application requirements. To achieve this, UDBs consist of a combination of uncommitted logic (PLD), structured logic (Datapath), and a flexible routing scheme to provide interconnect between these elements, I/O connections, and other peripherals. UDB functionality ranges from simple self contained functions that are implemented in one UDB, or even a portion of a UDB (unused resources are available for other functions), to more complex functions that require multiple UDBs. Examples of basic functions are timers, counters, CRC generators, PWMs, dead band generators, and communications functions, such as UARTs, SPI, and I2C. Also, the PLD blocks and connectivity provide full featured general purpose programmable logic within the limits of the available resources. Figure 7-2. UDB Block Diagram The main component blocks of the UDB are: ■ PLD blocks - There are two small PLDs per UDB. These blocks take inputs from the routing array and form registered or combinational sum-of-products logic. PLDs are used to implement state machines, state bits, and combinational logic equations. PLD configuration is automatically generated from graphical primitives. ■ Datapath Module - This 8-bit wide datapath contains structured logic to implement a dynamically configurable ALU, a variety of compare configurations and condition generation. This block also contains input/output FIFOs, which are the primary parallel data interface between the CPU/DMA system and the UDB. ■ Status and Control Module - The primary role of this block is to provide a way for CPU firmware to interact and synchronize with UDB operation. ■ Clock and Reset Module - This block provides the UDB clocks and reset selection and control. 7.2.1 PLD Module The primary purpose of the PLD blocks is to implement logic expressions, state machines, sequencers, look up tables, and decoders. In the simplest use model, consider the PLD blocks as a standalone resource onto which general purpose RTL is synthesized and mapped. The more common and efficient use model is to create digital functions from a combination of PLD and datapath blocks, where the PLD implements only the random logic and state portion of the function while the datapath (ALU) implements the more structured elements. Figure 7-3. PLD 12C4 Structure One 12C4 PLD block is shown in Figure 7-3. This PLD has 12 inputs, which feed across eight product terms. Each product term (AND function) can be from 1 to 12 inputs wide, and in a given product term, the true (T) or complement (C) of each input can be selected. The product terms are summed (OR function) to create the PLD outputs. A sum can be from 1 to 8 product terms wide. The 'C' in 12C4 indicates that the width of the OR gate (in this case 8) is constant across all outputs (rather than variable as in a 22V10 device). This PLA like structure gives maximum flexibility and insures that all inputs and outputs are permutable for ease of allocation by the software tools. There are two 12C4 PLDs in each UDB. 7.2.2 Datapath Module The datapath contains an 8-bit single cycle ALU, with associated compare and condition generation logic. This datapath block is optimized to implement embedded functions, such as timers, counters, integrators, PWMs, PRS, CRC, shifters and dead band generators, and many others. PLD 12C4 (8 PTs) PLD 12C4 (8 PTs) Datapath Clock and Reset Control Routing Channel Datapath Chaining PLD Chaining Status and Control IN0 IN1 IN2 IN3 IN4 IN5 IN6 IN7 IN8 IN9 IN10 IN11 TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC TC TC TC TC TC TC T C TC T TTTT TTT T TTTT TTT T TTTT TTT T TTTT TTT AND Array OR Array MC0 MC1 MC2 OUT0 OUT1 OUT2 OUT3 MC3 SELIN (carry in) SELOUT (carry out) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |