| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPEAR300 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR300 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 83 page ![]() SPEAr300 Memory mapping Doc ID 16324 Rev 2 51/83 0xD280.0000 0xD2FF.FFFF SRAM Static RAM shared memory (57 Kbytes) 0xD300.0000 0xE07F.FFFF - Reserved 0xE0800.0000 0xE0FF.FFFF Ethernet controller MAC 0xE100.0000 0xE10F.FFFF USB 2.0 device FIFO 0xE110.0000 0xE11F.FFFF USB 2.0 device Configuration registers 0xE120.0000 0xE12F.FFFF USB 2.0 device Plug detect 0xE130.0000 0xE17F.FFFF - Reserved 0xE180.0000 0xE18F.FFFF USB2.0 EHCI 0-1 0xE190.0000 0xE19F.FFFF USB2.0 OHCI 0 0xE1A0.0000 0xE20F.FFFF - Reserved 0xE210.0000 0xE21F.FFFF USB2.0 OHCI 1 0xE220.0000 0xE27F.FFFF - Reserved 0xE280.0000 0xE28F.FFFF ML USB ARB Configuration register 0xE290.0000 0xE7FF.FFFF - Reserved 0xE800.0000 0xEFFF.FFFF - Reserved 0xF000.0000 0xF00F.FFFF Timer 0xF010.0000 0xF10F.FFFF - Reserved 0xF110.0000 0xF11F.FFFF VIC 0xF120.0000 0xF7FF.FFFF - Reserved 0xF800.0000 0xFBFF.FFFF Serial Flash memory 0xFC00.0000 0xFC1F.FFFF Serial Flash controller 0xFC20.0000 0xFC3F.FFFF - Reserved 0xFC40.0000 0xFC5F.FFFF DMA controller 0xFC60.0000 0xFC7F.FFFF DRAM controller 0xFC80.0000 0xFC87.FFFF Timer 1 0xFC88.0000 0xFC8F.FFFF Watchdog timer 0xFC90.0000 0xFC97.FFFF Real-time clock 0xFC98.0000 0xFC9F.FFFF General purpose I/O 0xFCA0.0000 0xFCA7.FFFF System controller 0xFCA8.0000 0xFCAF.FFFF Miscellaneous registers 0xFCB0.0000 0xFCB7.FFFF Timer 2 0xFCB8.0000 0xFCFF.FFFF - Reserved 0xFD00.0000 0xFEFF.FFFF - Reserved 0xFF00.0000 0xFFFF.FFFF Internal ROM Boot Table 14. Memory mapping (continued) Start address End address Peripheral Description |