| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C6416 bảng dữ liệu(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 bảng dữ liệu(HTML) 64 Page - Texas Instruments |
|
64 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 64 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 device and development-support tool nomenclature (continued) Table 30. SMJ320C6414/C6415/C6416 Device Part Numbers (P/Ns) and Ordering Information DEVICE ORDERABLE P/N DEVICE SPEED, EMIF SPEED, SILICON REVISION CVDD (CORE VOLTAGE) DVDD (I/O VOLTAGE) OPERATING CASE TEMPERATURE RANGE C6414 SMJ320C6414DGADW60† 600 MHz/4800 MIPS, 133-MHz EMIFA, Silicon Rev. 1.1 1.4 V 3.3 V −55 _C to 115_C SM320C6414DGADW60† 600 MHz/4800 MIPS, 133-MHz EMIFA, Silicon Rev. 1.1 1.4 V 3.3 V −55 _C to 115_C C6415 SMJ320C6415DGADW60 600 MHz/4800 MIPS, 133-MHz EMIFA, Silicon Rev. 1.1 1.4 V 3.3 V −55 _C to 115_C SM320C6415DGADW60 600 MHz/4800 MIPS, 133-MHz EMIFA, Silicon Rev. 1.1 1.4 V 3.3 V −55 _C to 115_C C6416 SMJ320C6416DGADW60† 600 MHz/4800 MIPS, 133-MHz EMIFA, Silicon Rev. 1.1 1.4 V 3.3 V −55 _C to 115_C SM320C6416DGADW60† 600 MHz/4800 MIPS, 133-MHz EMIFA, Silicon Rev. 1.1 1.4 V 3.3 V −55 _C to 115_C † Product Preview |