| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C6416 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 21 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 peripheral register descriptions (continued) Table 14. Timer 0 Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 0194 0000 CTL0 Timer 0 control register Determines the operating mode of the timer, monitors the timer status, and controls the function of the TOUT pin. 0194 0004 PRD0 Timer 0 period register Contains the number of timer input clock cycles to count. This number controls the TSTAT signal frequency. 0194 0008 CNT0 Timer 0 counter register Contains the current value of the incrementing counter. 0194 000C − 0197 FFFF − Reserved Table 15. Timer 1 Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 0198 0000 CTL1 Timer 1 control register Determines the operating mode of the timer, monitors the timer status, and controls the function of the TOUT pin. 0198 0004 PRD1 Timer 1 period register Contains the number of timer input clock cycles to count. This number controls the TSTAT signal frequency. 0198 0008 CNT1 Timer 1 counter register Contains the current value of the incrementing counter. 0198 000C − 019B FFFF − Reserved Table 16. Timer 2 Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 01AC 0000 CTL2 Timer 2 control register Determines the operating mode of the timer, monitors the timer status, and controls the function of the TOUT pin. 01AC 0004 PRD2 Timer 2 period register Contains the number of timer input clock cycles to count. This number controls the TSTAT signal frequency. 01AC 0008 CNT2 Timer 2 counter register Contains the current value of the incrementing counter. 01AC 000C − 01AF FFFF − Reserved |