| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C6416 bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 38 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 DEVICE CONFIGURATIONS (CONTINUED) Table 28. Device Configuration Pins (BEA[20:13, 9:7], HD5, and BEA11) (Continued) CONFIGURATION PIN NO. FUNCTIONAL DESCRIPTION BEA7 BEA8 BEA9 E14 G14 G13 C6414 Devices C6415 Devices C6416 Devices Do not oppose internal pulldown (IPD) Pullup† Do not oppose IPD Do not oppose IPD Do not oppose IPD Pullup† Do not oppose IPD Do not oppose IPD Pullup† †For proper device operation, this pin must be externally pulled up with a 1-kΩ resistor. HD5 U4 HPI peripheral bus width (HPI_WIDTH) 0 − HPI operates as an HPI16. (HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are reserved pins in the Hi-Z state.) 1 − HPI operates as an HPI32. (HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.) |