| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C6416 bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 26 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 EDMA channel synchronization events The C64x EDMA supports up to 64 EDMA channels which service peripheral devices and external memory. Table 24 lists the source of C64x EDMA synchronization events associated with each of the programmable EDMA channels. For the C64x device, the association of an event to a channel is fixed; each of the EDMA channels has one specific event associated with it. These specific events are captured in the EDMA event registers (ERL, ERH) even if the events are disabled by the EDMA event enable registers (EERL, EERH). The priority of each event can be specified independently in the transfer parameters stored in the EDMA parameter RAM. For more detailed information on the EDMA module and how EDMA events are enabled, captured, processed, linked, chained, and cleared, etc., see the TMS320C6000 DSP Enhanced Direct Memory Access (EDMA) Controller Reference Guide (literature number SPRU234). |