| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C6416 bảng dữ liệu(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 bảng dữ liệu(HTML) 55 Page - Texas Instruments |
|
55 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 55 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 Terminal Functions (Continued) SIGNAL TYPE† DESCRIPTION NAME NO. TYPE† DESCRIPTION SUPPLY VOLTAGE PINS AA23 AB10 AB11 AB14 AB15 AB2 AB23 AC10 AC12 AC14 AC16 AC19 AC21 AC22 AC3 AC4 AC6 AC8 B11 B13 DVDD B15 S 3.3-V supply voltage DVDD B17 S 3.3-V supply voltage (see the Power-Supply Decoupling section of this data sheet) B19 (see the Power-Supply Decoupling section of this data sheet) B21 B22 B3 B4 B6 B9 C10 C11 C14 C15 C23 D2 D23 F2 F23 F3 G3 H2 J23 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground |