| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C6416 bảng dữ liệu(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 bảng dữ liệu(HTML) 59 Page - Texas Instruments |
|
59 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 59 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 Terminal Functions (Continued) SIGNAL TYPE† DESCRIPTION NAME NO. TYPE† DESCRIPTION GROUND PINS AC17 AC2 AC23 AC24 AC7 AC9 AD10 AD12 AD14 AD16 AD18 AD2 AD20 AD22 AD4 AD6 AD8 B10 B12 VSS B14 GND Ground pins VSS B16 GND Ground pins B18 B2 B23 B8 C22 C24 C3 D1 D21 D4 E2 E20 E24 E5 F1 F19 F6 G18 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground |