| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C6416 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 34 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 signal groups description (continued) CLKR1/URADDR2† Control/Status CLKX1/URADDR4† URDATA0 URDATA1 CLKS1/URADDR3† URADDR1 URADDR0 Receive URDATA7 URDATA4 URDATA3 URDATA2 URCLAV URENB URDATA5 URDATA6 URSOC URCLK Clock Control/Status Transmit Clock FSR1/UXADDR2† DX1/UXADDR4† UXDATA0 UXDATA1 FSX1/UXADDR3† DR1/UXADDR1† UXADDR0 UXDATA7 UXDATA4 UXDATA3 UXDATA2 UXCLAV UXENB UXDATA5 UXDATA6 UXSOC UXCLK UTOPIA (SLAVE) [C6415 and C6416 Only] † For the C6415 and C6416 devices, these UTOPIA pins are MUXed with the McBSP1 peripheral. By default, these signals function as McBSP1. For more details on these MUXed pins, see the Device Configurations section of this data sheet. For the C6414 device, these McBSP1 peripheral pins are not MUXed; the C6414 does not support the UTOPIA peripheral. TOUT0 Timers TINP0 TOUT1 Timer 1 TINP1 TOUT2 Timer 2 TINP2 Timer 0 Figure 3. Peripheral Signals (Continued) |