| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8569E bảng dữ liệu(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8569E bảng dữ liệu(HTML) 31 Page - Freescale Semiconductor, Inc |
|
31 / 127 page ![]() Pinout List MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1 Freescale Semiconductor 31 GND AF11 — — — GND AF2 — — — GND AG15 — — — GND AG17 — — — GND AG19 — — — GND AG21 — — — GND AG24 — — — GND AG7 — — — GND AH23 — — — GND AH25 — — — GND B13 — — — GND B17 — — — GND B20 — — — GND B23 — — — GND B27 — — — GND B3 — — — GND B6 — — — GND B9 — — — GND C4 — — — GND D11 — — — GND D16 — — — GND D19 — — — GND D2 — — — GND D25 — — — GND D28 — — — GND D5 — — — GND E13 — — — GND F17 — — — GND F20 — — — GND F23 — — — GND F27 — — — GND F3 — — — GND F6 — — — GND F9 — — — GND H1 — — — Table 1. MPC8569E Pinout Listing (continued) Signal1 Package Pin Number Pin Type Power Supply Note |