| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX53CEC bảng dữ liệu(PDF) 176 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX53CEC bảng dữ liệu(HTML) 176 Page - Freescale Semiconductor, Inc |
|
176 / 204 page ![]() i.MX53xD Applications Processors for Consumer Products, Rev. 2 176 Freescale Semiconductor Package Information and Contact Assignments 6.3.2.1 12 x 12 mm PoP Ground, Power, Sense, and Reference Contact Assignments Table 114 and Table 115 show the device connection list for ground, power, sense, and reference contact signals alpha-sorted by name. Table 114. 12 x 12 mm PoP Bottom Ground, Power, Sense, and Reference Contact Assignments Contact Name Contact Assignment DDR_VREF U23 GND A1, A2, A28, A29, B1, B2, B28, B29, C17, L14, L15, L16, M14, M15, M16, N14, N15, N16, P11,P12, P13, P17, P18, P19, R11, R12, R13, R17, R18, R19, T11,T12, T13, T17, T18, T19, U14, U15, U16, V14, V15, V16, W14,W15, W16, AH1, AH15, AH29, AJ1, AJ2, AJ15, AJ28, AJ29 NVCC_CKIH AD22 NVCC_CSI J6 NVCC_EIM_MAIN G9 NVCC_EIM_SEC G6 NVCC_EMI_DRAM F24, G24, H24, K24, L24, N24, P24, R24, U24, V24, W24, AC24, AD24 NVCC_EMI_DRAM_2P5 K23,Y24 NVCC_FEC AC14 NVCC_GPIO AD9 NVCC_JTAG AD11 NVCC_KEYPAD AD6 NVCC_LCD W7, Y7 NVCC_LVDS F19 NVCC_LVDS_BG F18 NVCC_NANDF G12 NVCC_PATA N6 NVCC_RESET AD18 NVCC_SD1 AC20 NVCC_SD2 AC16 NVCC_SRTC_POW F13 NVCC_XTAL F14 POP_VACC AG14 POP_VCCMM C8, L3 POP_VCCQMM C11 POP_VCCQMM1 H3 POP_VDD1 C3, C13, C26, T3, T27, AG6, AG26 |