| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX53CEC bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX53CEC bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 204 page ![]() Architectural Overview i.MX53xD Applications Processors for Consumer Products, Rev. 2 Freescale Semiconductor 7 2 Architectural Overview The following subsections provide an architectural overview of the i.MX53xD processor system. 2.1 Block Diagram Figure 1 shows the functional modules in the i.MX53xD processor system. Figure 1. i.MX53xD System Block Diagram NOTE The numbers in brackets indicate number of module instances. For example, PWM (2) indicates two separate PWM peripherals. Application Processor Smart DMA (SDMA) Shared Peripherals AP Peripherals ARM Cortex A8 ARM Cortex A8 Platform Timers CSPI UART (4) GPT PWM (2) EPIT (2) GPIOx32 (7) WDOG (2) OWIRE I 2C(3) IOMUXC IIM AUDMUX KPP Boot ROM SSI (2) RTICv3 SCCv2 SRTC CSU Fuse Box Debug DAP TPIU FIRI SAHARAv4 Lite Security TZIC Image Processing USB OTG + 3 HS Ports CTI (2) ECSPI Internal USB PHY2 USB PHY1 External Memory I/F RAM 144 KB Subsystem (IPU) TV-Encoder LDB LCD Display-1,2 Domain (AP) Composite CVBS/ S-Video Component RGB, YCC (HD TV-Out / VGA) SJC Neon, VFPv3 L2 cache 256 KB ETM, CTI0,1 L1 I/D cache IrDA XVR WLAN USB OTG (dev/host) JTAG (IEEE1149.1) Bluetooth Keypad Access. Conn. MMC/SD eMMC/eSD GPS RF/IF RF / IF IC’s Audio, Power Mngmnt. SPBA FlexCAN (2) Digital Audio CAN i/f eSDHCv2 (3) UART SPDIF Rx/Tx ASRC Video Proc. Unit (VPU) 3D Graphics Proc. Unit (GPU3D) G-Memory 256 KB 2D Graphics Proc. Unit (GPU2D) LVDS (WSXGA+) Battery Ctrl Device NOR/NAND Flash Ethernet 10/100 Mbps FEC(IEEE1588) Camera (2) 64 KB Clock and Reset PLL (4) CCM GPC SRC XTALOSC(2) CAMP (2) Temperature Sensor eSDHCv3 Camera (2) (EXTMC) LCD Display (2) SSI ECSPI ESAI P-ATA SATA + Temp Mon SATA / P-ATA HDD DDR2/DDR3/ LPDDR2 |