công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPMC68CK338CPV14 bảng dữ liệu(PDF) 103 Page - Freescale Semiconductor, Inc

tên linh kiện SPMC68CK338CPV14
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 bảng dữ liệu(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 106Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
103
DASMB is the data register associated with channel B. Table 64 shows how DASMB is used with the
different operating modes. Depending on the mode selected, software access is to register B1 or reg-
ister B2.
Table 63 DASMA Operations
Mode
DASMA Operation
DIS
DASMA can be accessed to prepare a value for a subsequent mode selection
IPWM
DASMA contains the captured value corresponding to the trailing edge of the measured pulse
IPM
DASMA contains the captured value corresponding to the most recently detected user-specified
rising or falling edge
IC
DASMA contains the captured value corresponding to the most recently detected user-specified
rising or falling edge
OCB
DASMA is loaded with the value corresponding to the leading edge of the pulse to be generated.
Writing to DASMA in the OCB and OCAB modes also enables the corresponding channel A com-
parator until the next successful comparison.
OCAB
DASMA is loaded with the value corresponding to the leading edge of the pulse to be generated.
Writing to DASMA in the OCB and OCAB modes also enables the corresponding channel A com-
parator until the next successful comparison.
OPWM
DASMA is loaded with the value corresponding to the leading edge of the PWM pulse to be gen-
erated.
DASM4B, DASM5B — DASM Data Register B
$YFF424, $YFF42C
DASM6B, DASM7B — DASM Data Register B
$YFF434, $YFF43C
DASM8B, DASM9B — DASM Data Register B
$YFF444, $YFF44C
DASM10B, DASM26B — DASM Data Register B
$YFF454, $YFF4D4
DASM27B, DASM28B — DASM Data Register B
$YFF4DC, $YFF4E4
DASM29B — DASM Data Register B
$YFF4EC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET:
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com