| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMC68CK338CPV14 bảng dữ liệu(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 bảng dữ liệu(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 133 page ![]() MC68CK338 MOTOROLA MC68CK338TS/D 41 Data bus pin 9 controls the state of this register following reset. If DATA9 is set to one during reset, the register is set to $FF, which defines all port F pins as interrupt request inputs. If DATA9 is cleared to zero during reset, this register is set to $00, defining all port F pins as I/O pins. 3.8 Resets Reset procedures handle system initialization and recovery from catastrophic failure. The MCU per- forms resets with a combination of hardware and software. The SIML determines whether a reset is val- id, asserts control signals, performs basic system configuration based on hardware mode-select inputs, then passes control to the CPU. Reset occurs when an active low logic level on the RESET pin is clocked into the SIML. Resets are gat- ed by the CLKOUT signal. Asynchronous resets are assumed to be catastrophic. An asynchronous re- set can occur on any clock edge. Synchronous resets are timed to occur at the end of bus cycles. If there is no clock when RESET is asserted, reset does not occur until the clock starts. Resets are clocked in order to allow completion of write cycles in progress at the time RESET is asserted. Reset is the highest-priority CPU32L exception. Any processing in progress is aborted by the reset ex- ception, and cannot be restarted. Only essential tasks are performed during reset exception processing. Other initialization tasks must be accomplished by the exception handler routine. 3.8.1 SIML Reset Mode Selection The logic states of certain data bus pins during reset determine SIML operating configuration. In addi- tion, the state of the MODCLK pin determines system clock source and the state of the BKPT pin de- termines what happens during subsequent breakpoint assertions. Table 31 is a summary of reset mode selection options. Table 30 Port F Pin Assignments PFPAR Field Port F Signal Alternate Signal PFPA7 PF7 IRQ7 PFPA6 PF6 IRQ6 PFPA5 PF5 IRQ5 PFPA4 PF4 IRQ4 PFPA3 PF3 IRQ3 PFPA2 PF2 IRQ2 PFPA1 PF1 IRQ1 PFPA0 PF0 MODCLK Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |