công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPMC68CK338CPV14 bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc

tên linh kiện SPMC68CK338CPV14
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
MOTOROLA
MC68CK338
72
MC68CK338TS/D
5.5.4 Operating Modes
The QSPI operates in either master or slave mode. Master mode is used when the MCU originates data
transfers. Slave mode is used when an external device initiates serial transfers to the MCU through the
QSPI. Switching between the modes is controlled by MSTR in SPCR0. Before entering either mode,
appropriate QSM and QSPI registers must be properly initialized.
In master mode, the QSPI executes a queue of commands defined by control bits in each command
RAM queue entry. Chip-select pins are activated, data is transmitted from transmit RAM and received
into receive RAM.
In slave mode, operation proceeds in response to SS pin activation by an external bus master. Opera-
tion is similar to master mode, but no peripheral chip selects are generated, and the number of bits
transferred is controlled in a different manner. When the QSPI is selected, it automatically executes the
next queue transfer to exchange data with the external device correctly.
Although the QSPI inherently supports multi-master operation, no special arbitration mechanism is pro-
vided. A mode fault flag (MODF) indicates a request for SPI master arbitration. System software must
provide arbitration. Note that unlike previous SPI systems, MSTR is not cleared by a mode fault being
set, nor are the QSPI pin output drivers disabled. The QSPI and associated output drivers must be dis-
abled by clearing SPE in SPCR1.
5.6 SCI Submodule
The SCI submodule is used to communicate with external devices through an asynchronous serial bus.
The SCI is fully compatible with the SCI systems found on other Motorola MCUs, such as the M68HC11
and M68HC05 Families.
5.6.1 SCI Pins
There are two unidirectional pins associated with the SCI. The SCI controls the transmit data (TXD) pin
when enabled, whereas the receive data (RXD) pin remains a dedicated input pin to the SCI. TXD is
available as a general-purpose I/O pin when the SCI transmitter is disabled. When used for I/O, TXD
can be configured either as input or output, as determined by QSM register DDRQS.
Table 42 shows SCI pins and their functions.
5.6.2 SCI Registers
The SCI programming model includes QSM global and pin control registers, and four SCI registers.
There are two SCI control registers, one status register, and one data register. All registers can be read
or written at any time by the CPU.
Changing the value of SCI control bits during a transfer operation may disrupt operation. Before chang-
ing register values, allow the transmitter to complete the current transfer, then disable the receiver and
transmitter. Status flags in the SCSR may be cleared at any time.
Table 42 SCI Pins
Pin Names
Mnemonics
Mode
Function
Receive data
RXD
Receiver disabled
Receiver enabled
Not used
Serial data input to SCI
Transmit data
TXD
Transmitter disabled
Transmitter enabled
General-purpose I/O
Serial data output from SCI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com