công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPMC68CK338CPV14 bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc

tên linh kiện SPMC68CK338CPV14
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 133 page
background image
MOTOROLA
MC68CK338
48
MC68CK338TS/D
4 Low-Power Central Processor Unit
Based on the powerful MC68020, the CPU32L processing module provides enhanced system perfor-
mance and also uses the extensive software base for the Motorola M68000 family.
4.1 Overview
The CPU32L is fully object-code compatible with the M68000 family, which excels at processing calcu-
lation-intensive algorithms and supporting high-level languages. The CPU32L supports all of the
MC68010 and most of the MC68020 enhancements, such as virtual memory support, loop mode oper-
ation, instruction pipeline, and 32-bit mathematical operations. Powerful addressing modes provide
compatibility with existing software programs and increase the efficiency of high-level language compil-
ers. Special instructions, such as table lookup and interpolate and low-power stop, support the specific
requirements of controller applications. Also included is background debug mode, an alternate operat-
ing mode that suspends normal operation and allows the CPU to accept debugging commands from
the development system.
Ease of programming is an important consideration in using a microcontroller. The CPU32L instruction
set is optimized for high performance. The eight 32-bit general-purpose data registers readily support
8-bit (byte), 16-bit (word), and 32-bit (long word) operations. Ease of program checking and diagnosis
is further enhanced by trace and trap capabilities at the instruction level.
Use of high-level languages is increasing as controller applications become more complex and control
programs become larger. High-level languages aid rapid development of software, with less error, and
are readily portable. The CPU32L instruction set supports high-level languages.
4.2 Programming Model
The CPU32L has sixteen 32-bit general registers, a 32-bit program counter, one 32-bit supervisor stack
pointer, a 16-bit status register, two alternate function code registers, and a 32-bit vector base register.
The programming model of the CPU32L consists of a user model shown in Figure 12 and a supervisor
model shown in Figure 13, corresponding to the user and supervisor privilege levels. Some instructions
available at the supervisor level are not available at the user level, allowing the supervisor to protect
system resources from uncontrolled access. Bit S in the status register determines the privilege level.
The user programming model remains unchanged from previous M68000 family microprocessors. Ap-
plication software written to run at the nonprivileged user level migrates without modification to the
CPU32L from any M68000 platform. The move from SR instruction, however, is privileged in the
CPU32L. It is not privileged in the M68000.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com