| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMC68CK338CPV14 bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 133 page ![]() MC68CK338 MOTOROLA MC68CK338TS/D 27 3.5.2 Function Codes The CPU32L automatically generates function code signals FC[2:0]. The function codes can be consid- ered address extensions that automatically select one of eight address spaces to which an address ap- plies. These spaces are designated as either user or supervisor, and program or data spaces. Address space seven is designated CPU space. CPU space is used for control information not normally associ- ated with read or write bus cycles. Function codes are valid while AS is asserted. Table 14 displays CPU32L address space encodings. 3.5.3 Address Bus Address bus signals ADDR[23:0] define the address of the most significant byte to be transferred during a bus cycle. The MCU places the address on the bus at the beginning of a bus cycle. The address is valid while AS is asserted. 3.5.4 Address Strobe AS is a timing signal that indicates the validity of an address on the address bus and the validity of many control signals. It is asserted one-half clock after the beginning of a bus cycle. 3.5.5 Data Bus Data bus signals DATA[15:0] make up a bidirectional, non-multiplexed parallel bus that transfers data to or from the MCU. A read or write operation can transfer 8 or 16 bits of data in one bus cycle. During a read cycle, the data is latched by the MCU on the last falling edge of the clock for that bus cycle. For a write cycle, all 16 bits of the data bus are driven, regardless of the port width or operand size. The MCU places the data on the data bus one-half clock cycle after AS is asserted in a write cycle. Table 13 Size Signal Encoding SIZ1 SIZ0 Transfer Size 0 1 Byte 1 0 Word 1 1 Three Byte 0 0 Long Word Table 14 CPU32L Address Space Encoding FC2 FC1 FC0 Address Space 0 0 0 Reserved 0 0 1 User Data Space 0 1 0 User Program Space 0 1 1 Reserved 1 0 0 Reserved 1 0 1 Supervisor Data Space 1 1 0 Supervisor Program Space 1 1 1 CPU Space Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |