| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMC68CK338CPV14 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 133 page ![]() MOTOROLA MC68CK338 6 MC68CK338TS/D 1.4 Address Map Figure 3 shows a map of the MCU internal addresses. Unimplemented blocks are mapped externally. Figure 3 MC68CK338 Address Map 1.5 Intermodule Bus The IMB is a standardized bus developed to facilitate design and operation of modular microcontrollers. It contains circuitry that supports exception processing, address space partitioning, multiple interrupt levels, and vectored interrupts. The standardized modules in the MCU communicate with one another and with external components via the IMB. The IMB uses 24 address lines and 16 data lines. 338 ADDRESS MAP $YFFDFF $YFFC00 $YFFA7F $YFFA00 $YFF5FF $YFF400 SIML QSM CTM6 Y = M111, WHERE M IS THE STATE OF THE MODULE MAPPING (MM) BIT IN THE SIML CONFIGURATION REGISTER. 512 BYTES 128 BYTES 512 BYTES Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |