| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMC68CK338CPV14 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 133 page ![]() MOTOROLA MC68CK338 10 MC68CK338TS/D 2.5 Signal Function RESET SIML Input/Output 0 RMC SIML Output 0 R/W SIML Output 0 RXD QSM Input — SCK QSM Input/Output — SIZ[1:0] SIML Output — SS QSM Input 0 TSC SIML Input — TXD QSM Output — XFC SIML Input — XRTC CTM6 Output — XTAL SIML Output — Table 6 MCU Signal Function Signal Name Mnemonic Function Address Bus ADDR[23:0] 24-bit address bus Address Strobe AS Indicates that a valid address is on the address bus Autovector AVEC Requests an automatic vector during interrupt acknowledge Bus Error BERR Signals a bus error to the CPU Bus Grant BG Indicates that the MCU has relinquished the bus Bus Grant Acknowledge BGACK Indicates that an external device has assumed bus mastership Breakpoint BKPT Signals a hardware breakpoint to the CPU Bus Request BR Indicates that an external device requires bus mastership System Clockout CLKOUT System clock output Chip Selects CS[10:0] Select external devices at programmed addresses Boot Chip Select CSBOOT Chip select for external boot startup ROM Configurable Timer Double-Action CTD[29:26], CTD[10:4] Double-action submodule (DASM) signals. Can also be used as general purpose I/O pins Configurable Timer Modulus Counter Load CTM31L External load for modulus counter. Can also be used as general purpose input RTC Configurable Timer Oscillator EXRTC, XRTC CTM real time clock oscillator input/output Configurable Timer Port Input/Output CTIO[5:0] General-purpose I/O pins Configurable Timer Single-Action CTS24[B:A] CTS18[B:A] CTS14[B:A] Single-action submodule (SASM) signals. Can also be used as general purpose I/O pins Crystal Oscillator EXTAL, XTAL Connections for clock synthesizer circuit reference; a crystal or an external oscillator can be used Data Bus DATA[15:0] 16-bit data bus Table 5 MCU Signal Characteristics (Continued) Signal Name MCU Module Signal Type Active State Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |