| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7200 bảng dữ liệu(PDF) 234 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 bảng dữ liệu(HTML) 234 Page - Freescale Semiconductor, Inc |
|
234 / 976 page ![]() A7S Nexus3 Programmers Model MAC7200 Microcontroller Family Reference Manual, Rev. 2 156 Freescale Semiconductor 11.10.3.7 Read/Write Access Address (RWA) The Read/Write Access Address Register provides the AHB memory mapped address to be accessed when initiating a read or a write access 11.10.3.8 Watchpoint Trigger (WT) The Watchpoint Trigger Register allows the four watchpoints to trigger actions. These watchpoints can control Program Trace and Data Trace. The WT bits can be used to produce an address related “window” for triggering Trace Messages. Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R READ/WRITE DATA W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R READ/WRITE DATA W Reset 000 00 000 00 000 00 0 Figure 11-10. Read/Write Access Data Register (RWD) Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R READ/WRITE ADDRESS W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R READ/WRITE ADDRESS W Reset 000 00 000 00 000 00 0 Figure 11-11. Read/Write Access Address Register (RWA) Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R PTS PTE DTS DTE 00 00 W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R 000 00 000 00 000 00 0 W Reset 000 00 000 00 000 00 0 Figure 11-12. Watchpoint Trigger Register (WT) |