| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7200 bảng dữ liệu(PDF) 237 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 bảng dữ liệu(HTML) 237 Page - Freescale Semiconductor, Inc |
|
237 / 976 page ![]() A7S Nexus3 Programmers Model MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 159 11.10.3.11 Data Trace End Address (DTEA1, DTEA2) The Data Trace End Address Registers define the end addresses for each trace channel. Table 11-29 below illustrates the range that will be selected for Data Trace for various cases of DTSA being less than, greater than, or equal to DTEA. NOTE For inside range traces, the trace range is inclusive of the DTSA and DTEA. For outside range traces, the trace range is exclusive of the DTSA and DTEA addresses. Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R DATA TRACE START ADDRESS W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R DATA TRACE START ADDRESS W Reset 000 00 000 00 000 00 0 Figure 11-14. Data Trace Start Address Registers (DTSA1, DTSA2) Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R DATA TRACE END ADDRESS W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R DATA TRACE END ADDRESS W Reset 000 00 000 00 000 00 0 Figure 11-15. Data Trace End Address Registers (DTEA1, DTEA2) Table 11-29. Data Trace – Address Range Options Programmed Values Range Control Bit Value Range Selected DTSA ⇐ DTEA 0 DTSA → ← DTEA DTSA ⇐ DTEA 1 ← DTSA DTEA → DTSA > DTEA N/A Invalid Range – no trace |