| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7200 bảng dữ liệu(PDF) 241 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 bảng dữ liệu(HTML) 241 Page - Freescale Semiconductor, Inc |
|
241 / 976 page ![]() A7S Nexus3 Programmers Model MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 163 11.10.3.18 Port Configuration (PCR) The Port Configuration Register controls the basic port functions including clock control and auxiliary output port width. NOTE If the PCR register exists in a separate arbiter module at the SoC level in a multi-Nexus environment, then the settings at the SoC level override the settings in the A7S Nexus3 module. Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R 000 00 000 00 000 00 0 W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R 000 00 000 00 00 BWDME W Reset 000 00 000 00 001 11 1 Figure 11-21. Breakpoint / Watchpoint Data Mask Registers (BWDM1, BWDM2) Table 11-33. BWDM Field Description Field Description 31–4 Reserved for future functionality (read as 0) 3–0 BWDME Breakpoint / Watchpoint Data Mask Enable 0xxx mask data byte (31:24) xxx0 mask data byte (7:0) Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R OPC MCK_DIV MSC 0 0 0 000 00 0 W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R 000 00 000 00 000 00 0 W Reset 000 00 000 00 000 00 0 Figure 11-22. Port Configuration Register (PCR) |