| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7200 bảng dữ liệu(PDF) 236 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 bảng dữ liệu(HTML) 236 Page - Freescale Semiconductor, Inc |
|
236 / 976 page ![]() A7S Nexus3 Programmers Model MAC7200 Microcontroller Family Reference Manual, Rev. 2 158 Freescale Semiconductor 11.10.3.10 Data Trace Start Address (DTSA1, DTSA2) The Data Trace Start Address Registers define the start addresses for each trace channel. Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R RWT1 RWT2 0 000 00 000 00 0 W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R 000 00 000 RC1 RC2 000 00 0 W Reset 000 00 000 00 000 00 0 Figure 11-13. Data Trace Control Register (DTC) Table 11-28. DTC Field Description Field Description 31–30 RWT1 Read/Write Trace 1 00 No trace messages generated x1 Enable data read trace 1x Enable data write trace 29–28 RWT2 Read/Write Trace 2 00 No trace messages generated x1 Enable data read trace 1x Enable data write trace 27–8 Reserved for future functionality (read as 0) 7 RC1 Range Control 1 0 Condition trace on address within range 1 Condition trace on address outside of range 6 RC2 Range Control 2 0 Condition trace on address within range 1 Condition trace on address outside of range 5–0 Reserved for future functionality |