| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6720RFP300 bảng dữ liệu(PDF) 103 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6720RFP300 bảng dữ liệu(HTML) 103 Page - Texas Instruments |
|
103 / 118 page ![]() 4.17.1 Clock Electrical Data/Timing TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 Table 4-41 assumes testing over recommended operating conditions. Table 4-41. CLKIN Timing Requirements NO. MIN MAX UNIT 1 fosc Oscillator frequency range (OSCIN/OSCOUT) 12 25 MHz 2 tc(CLKIN) Cycle time, external clock driven on CLKIN 20 ns 3 tw(CLKINH) Pulse width, CLKIN high 0.4tc(CLKIN) ns 4 tw(CLKINL) Pulse width, CLKIN low 0.4tc(CLKIN) ns 5 tt(CLKIN) Transition time, CLKIN 5 ns 6 fPLL Frequency range of PLL input 12 50 MHz Submit Documentation Feedback Peripheral and Electrical Specifications 103 |