công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5970RHPR bảng dữ liệu(PDF) 25 Page - Texas Instruments

tên linh kiện TLC5970RHPR
Giải thích chi tiết về linh kiện  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button TLC5970RHPR Datasheet HTML 21Page - Texas Instruments TLC5970RHPR Datasheet HTML 22Page - Texas Instruments TLC5970RHPR Datasheet HTML 23Page - Texas Instruments TLC5970RHPR Datasheet HTML 24Page - Texas Instruments TLC5970RHPR Datasheet HTML 25Page - Texas Instruments TLC5970RHPR Datasheet HTML 26Page - Texas Instruments TLC5970RHPR Datasheet HTML 27Page - Texas Instruments TLC5970RHPR Datasheet HTML 28Page - Texas Instruments TLC5970RHPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
CalculatedPHOn-DutyRatio1(%)=
VFBMinimumVoltage
VCCMaximumInputVoltage
´ 100
TLC5970
www.ti.com
SBVS140 – MARCH 2010
DIFFERENTIAL SIGNAL INTERFACE
This device has a differential signal receiver and differential signal driver. These differential components provide
very reliable, high-quality signal integrity over long distances. This integrity allows very large distances between
the display pixels without the need for additional drive circuitry. The drivers are enabled one second after the IC
powers up. A 10-k
Ω resistor is internally mounted between SDTA and SDTB/SCKA and SCKB. Table 6 shows a
truth table of the differential signal interface receiver and driver.
Table 6. Differential Signal Interface Truth Table
RECEIVER (SDTA-SDTB, SCKA-SCKB)
DRIVER (SDTY-SDTZ, SCKY-SCKZ)
DIFFERENTIAL OUTPUTS
DIFFERENTIAL INPUTS
(VID = SDTA/SCKA – SDTB/SCKB)
INTERNAL INPUT DATA
DRIVER INPUT
SDTY/SCKY
SDTZ/SCKZ
VID
≥ 0.2 V
High
Low
Low
High
–0.2 V < VID < 0.2 V
Undefined
VID
≤ –0.2 V
Low
High
High
Low
Open input
Low
BUCK DC/DC CONVERTER
The buck converter operates with the Pulse Frequency Mode (PFM).The buck converter controls the LED anode
voltage to keep the LED cathode voltage to approximately 1 V for high efficiency and reduces the system
power-supply current. The LED anode voltage is controlled by the buck converter in this manner:
1. After the IC powers on, the LED anode voltage charges up to the FB voltage set by EEPROM with a
soft-start squence. The maximum time of the soft-start sequence is 800 ms.
2. The LED then turns on and comparators check the OUTn voltage when all LED are turned on at the 32nd
GSCLK. If the lowest voltage in OUT0 to OUT2 is below 0.9 V when all OUTn are on at 32nd GSCLK, the
buck converter target voltage is changed by one step to a higher voltage at the rising edge of the 33rd
GSCLK. If the lowest voltage in OUT0 to OUT2 is above 1.1 V, the buck converter target voltage changes by
one step to a lower voltage. If the lowest voltage in OUT0 to OUT2 is between 0.9 V and 1.1 V, then the
buck converter target voltage remains at the previous voltage.
3. If the highest voltage in OUT0 to OUT2 exceeds 4.0 V at the 32nd GSCLK rising edge when all OUTn are
on, then the buck converter target voltage does not change to a higher voltage side.
Parameter Selection for Buck Converter
The following steps select the parameters for the buck converter.
1. PH on-time selection:
Where:
VFB = the number of LEDs in series × LED minimum forward voltage (VF) + 1.0 V
(4)
Select the closest and smaller number in Table12, then calculate PH on-duty ratio1 (%).
Example: VCC = 24 V (typical) and 25 V (maximum). LED forward voltage (VF) = 3.2 V (minimum) and 3.5 V
(typical). Two LEDs are connected in series.
Thus, VFB = 2 × 3.2 + 1 = 7.4 V. The PH on-duty ratio1 (%) = 7.4/25 = 29.6%. Therefore, 29% code ('1h')
should be selected for PH on-duty.
So, the selected PH on-duty in the EEPROM write data latch is 29%.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com