công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5970RHPR bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TLC5970RHPR
Giải thích chi tiết về linh kiện  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TLC5970RHPR Datasheet HTML 1Page - Texas Instruments TLC5970RHPR Datasheet HTML 2Page - Texas Instruments TLC5970RHPR Datasheet HTML 3Page - Texas Instruments TLC5970RHPR Datasheet HTML 4Page - Texas Instruments TLC5970RHPR Datasheet HTML 5Page - Texas Instruments TLC5970RHPR Datasheet HTML 6Page - Texas Instruments TLC5970RHPR Datasheet HTML 7Page - Texas Instruments TLC5970RHPR Datasheet HTML 8Page - Texas Instruments TLC5970RHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TLC5970
www.ti.com
SBVS140 – MARCH 2010
ELECTRICAL CHARACTERISTICS
At VCC = 10 V to 36 V and TA = –40°C to +85°C. Typical values at VCC = 24 V, FB = 17 V, and TA = +25°C, unless otherwise
noted.
TLC5970
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK DC/DC CONVERTER BLOCK
At PH pin. VCC = 10 V to 36V, IO = 500mA,
RDSON
High-side MOS switch on-resistance
VBOOT = VCC + 9 V,
300
770
M
Ω
PH high-side MOS switch is on
At PH pin. VCC = 36 V, PH = 0 V,
RDSOFF
High-side MOS switch off-resistance
1
M
Ω
PH high-side MOS switch is off
At BOOT pin. VCC = 10 V, IBOOT = –10 mA,
VBOOT
8
V
PH high-side MOS switch is off
Boot regulator output voltage
At BOOT pin. VCC = 36 V, PH = 0 V,
VBOOT1
IBOOT = no load,
10
V
PH high-side MOS switch is off
VSCP
Short-circuit protection detection
At FB pin
3.75
4
4.25
V
At FB pin. SDTA/SCKA = 0 V, SDTB/SCKB = 3 V,
SDTY/SDTZ/SCKY/SCKZ/PH/BOOT = open,
IFB
FB = 7 V to 17 V, VOUTn = 1.0 V, GSn = 000h,
18
29
mA
DCn = BC = 7Fh, RIREF = 15 kΩ,
internal oscillator mode, and auto repeat mode
At FB pin. SDTA/SCKA = 0 V, SDTB/SCKB = 3 V,
SDTY/SDTZ/SCKY/SCKZ/PH/BOOT = open,
IFB1
FB = 7 V to 17 V, VOUTn = 1.0 V, GSn = 000h,
19
30
mA
DCn = BC = 7Fh, RIREF = 2 kΩ,
internal oscillator mode, and auto repeat mode
At FB pin. SDTA/SDTB = 10 MHz,
SCKA/SCKB = 20 MHz with 0 V to 3 V swing,
SDTY-SDTZ/SCKY-SCKZ = RLDIF = 10 kΩ,
IFB2
CLDIF = 15 pF, PH/BOOT = open, FB = 7 V to 17 V,
36
60
mA
VOUTn = 1.0 V, GSn = FFFh, DCn = BC = 7Fh,
Input current
RIREF = 2 kΩ, internal oscillator mode,
and auto repeat mode
At FB pin. SDTA/SDTB = 10 MHz,
SCKA/SCKB = 20 MHz with 0 V to 3 V swing,
SDTY-SDTZ/SCKY-SCKZ = RLDIF = 2 × 51 Ω,
IFB3
CLDIF = 50 pF, PH/BOOT = open, FB = 7 V to 17 V,
65
115
mA
VOUTn = 1.0 V, GSn = FFFh, DCn = BC = 7Fh,
RIREF = 2 kΩ, internal oscillator mode,
and auto repeat mode
At FB pin. SDTA/SDTB = 10 MHz,
SCKA/SCKB = 20 MHz with 0 V to 3 V swing,
SDTY-SDTZ/SCKY-SCKZ = RLDIF = 2 × 51 Ω,
IFB4
CLDIF = 50 pF, PH/BOOT = open, FB = 7 V to 17 V,
68
130
mA
VOUTn = 1.0 V, GSn = FFFh, DCn = BC = 7Fh,
RIREF = 1 kΩ, internal oscillator mode,
and auto repeat mode
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com