công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5970RHPR bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TLC5970RHPR
Giải thích chi tiết về linh kiện  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TLC5970RHPR Datasheet HTML 2Page - Texas Instruments TLC5970RHPR Datasheet HTML 3Page - Texas Instruments TLC5970RHPR Datasheet HTML 4Page - Texas Instruments TLC5970RHPR Datasheet HTML 5Page - Texas Instruments TLC5970RHPR Datasheet HTML 6Page - Texas Instruments TLC5970RHPR Datasheet HTML 7Page - Texas Instruments TLC5970RHPR Datasheet HTML 8Page - Texas Instruments TLC5970RHPR Datasheet HTML 9Page - Texas Instruments TLC5970RHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
D
(%)=
-
1
I
OUTn
(I
+I
+I
)
OUT0
OUT1
OUT2
3
´
100
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+I
+I
)
OUT0
OUT1
OUT2
3
´
100
I
=125 ´
OUT(IDEAL)
1.20
R
IREF
100
(I
atVREG=3.0V)
OUTn
(I
atVREG=5.5V)
(I
atVREG=3V)
OUTn
OUTn
-
5.5V
3V
-
D (%/V)=
´
100
3V
1V
-
´
(I
atV
=1V)
OUTn
OUTn
(I
atV
=3V)
(I
atV
=1V)
-
OUTn
OUTn
OUTn
OUTn
D
(%/V)=
TLC5970
SBVS140 – MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 10 V to 36 V and TA = –40°C to +85°C. Typical values at VCC = 24 V, FB = 17 V, and TA = +25°C, unless otherwise
noted.
TLC5970
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED DRIVER BLOCK
At OUT0 to OUT2 pins. OUTn are on,
IOLC
Constant output current
DCn = BC = 7Fh,
136
151
166
mA
VOUT = 1 V, RIREF = 1 kΩ
At OUT0 to OUT2 pins. OUTn are off, DCn = 7Fh,
IOLKG
Leakage output current
0.1
µA
BC = 7Fh, VOUT = 17 V, RIREF = 1 kΩ
At OUT0 to OUT2 pins. OUTn are on,
Constant-current error
ΔIOLC
DCn = BC = 7Fh,
±0.5
±3
%
(channel-to-channel)(1)
VOUT = 1 V, RIREF = 1 kΩ
At OUT0 to OUT2 pins. OUTn are on,
Constant-current error
ΔIOLC1
DCn = BC = 7Fh,
±3
±6
%
(device-to-device)(2)
VOUT = 1 V, RIREF = 1 kΩ
OUT0 to OUT2 are on, DCn = BCn = 7Fh,
ΔIOLC2
Line regulation(3)
±0.5
±2
%/V
VOUT = 1 V, RIREF = 1 kΩ, VREG = 3.3 V to 5.5 V
OUT0 to OUT2 are on, DCn = BCn = 7Fh,
ΔIOLC3
Load regulation(4)
±1
±2
%/V
VOUT = 1 V to 3 V, RIREF = 1 kΩ
VIREF
Reference voltage output
IREF0 to IREF2, RIREF = 1 kΩ
1.17
1.20
1.23
V
(1)
The deviation of each output from the average of OUT0–OUT2 constant-current. Deviation is calculated by the formula:
(2)
The deviation of the OUT0–OUT2 constant-current average from the ideal constant-current value.
Deviation is calculated by the following formula:
Ideal current is calculated by the formula:
(3)
Line regulation is calculated by this equation:
(4)
Load regulation is calculated by the equation:
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com