công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5970RHPR bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện TLC5970RHPR
Giải thích chi tiết về linh kiện  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TLC5970RHPR Datasheet HTML 18Page - Texas Instruments TLC5970RHPR Datasheet HTML 19Page - Texas Instruments TLC5970RHPR Datasheet HTML 20Page - Texas Instruments TLC5970RHPR Datasheet HTML 21Page - Texas Instruments TLC5970RHPR Datasheet HTML 22Page - Texas Instruments TLC5970RHPR Datasheet HTML 23Page - Texas Instruments TLC5970RHPR Datasheet HTML 24Page - Texas Instruments TLC5970RHPR Datasheet HTML 25Page - Texas Instruments TLC5970RHPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
t
(ns)=t
(ns)
GSn
OUT_ON
GSCLK
´
TLC5970
SBVS140 – MARCH 2010
www.ti.com
GRAYSCALE (GS) FUNCTION (PWM CONTROL)
The OUTn PWM control is controlled by a 12-bit grayscale counter that is clocked on each rising edge of either
the internal oscillator or the shift clock signal generated by the differential signal, SCKA and SCKB. When bit 9 in
the Function Control Data Latch is '0', the internal oscillator drives the PWM grayscale counter. When bit 9 is '1',
SCKA and SCKB drive the grayscale counter. The OUTn that are programmed with a non-zero grayscale value
(GSn) turn on at the first rising edge of the selected clock after the internal latch pulse generation. After the
internal latch latch pulse goes high, the 12-bit grayscale counter counts the clock rising edges. Each OUTn stays
on until the grayscale counter value is larger than the output GSn value. OUTn turns off on the rising edge of the
clock.
When the IC powers up, all data in the Grayscale Data Latch are set to '0'. Therefore, GSn data must be written
into the Grayscale Data Latch to turn on OUTn. Equation 3 determines each OUTn on-time (tOUT_ON):
Where:
tGSCLK = Twice the period of the internal oscillator frequency if the internal clock is selected. One period of
the shift clock frequency is generated by the differential signal if the external clock is selected.
GSn = the programmed grayscale value for OUTn (GSn = 0d to 4095d)
(3)
AUTO DISPLAY REPEAT
Auto display repeat, DSPRPT, allows OUTn to continuously turn on for multiple PWM cycles without the need to
continuously reprogram the PWM grayscale registers. When Auto Repeat is enabled, bit 8 in the Function
Control Data Latch is '1' and OUTn automatically turns on again at the next rising clock of the internal oscillator.
When Auto Display Repeat is disabled by setting the control bit to '0', OUTn do not turn on again until an internal
latch pulse is generated and another GS clock pulse goes high. This timing is shown in Figure 19 and Figure 20.
Table 5. GS Data versus OUTn On-Duty and OUTn On-Time
OUTn ON-TIME WHEN 5 MHz
INTERNAL OSCILLATOR IS
GS DATA
GS DATA
GS DATA
OUTn ON-DUTY RATIO
SELECTED FOR GS CLOCK
(Binary)
(Decimal)
(Hex)
AGAINST MAXIMUM CODE (%)
(µs, Typical)
0000 0000 0000
0
000
0
0
0000 0000 0001
1
001
0.02
0.20
0000 0000 0010
2
002
0.05
0.40
—
—
—
—
—
0111 1111 1111
2047
7FF
49.99
409.4
1000 0000 0000
2048
800
50.01
409.6
1000 0000 0001
2049
801
50.04
409.8
—
—
—
—
—
1111 1111 1101
4093
FFD
99.95
818.6
1111 1111 1110
4094
FFE
99.98
818.8
1111 1111 1111
4095
FFF
100.00
819.0
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com