công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5970RHPR bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TLC5970RHPR
Giải thích chi tiết về linh kiện  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TLC5970RHPR Datasheet HTML 5Page - Texas Instruments TLC5970RHPR Datasheet HTML 6Page - Texas Instruments TLC5970RHPR Datasheet HTML 7Page - Texas Instruments TLC5970RHPR Datasheet HTML 8Page - Texas Instruments TLC5970RHPR Datasheet HTML 9Page - Texas Instruments TLC5970RHPR Datasheet HTML 10Page - Texas Instruments TLC5970RHPR Datasheet HTML 11Page - Texas Instruments TLC5970RHPR Datasheet HTML 12Page - Texas Instruments TLC5970RHPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TLC5970
www.ti.com
SBVS140 – MARCH 2010
SWITCHING CHARACTERISTICS
At VCC = 10 V to 36 V, TA = –40°C to +85°C, RIREF = 1 kΩ, and VLED = 5.0 V. Typical values at VCC = 24 V and TA = +25°C,
unless otherwise noted.
TLC5970
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At SDTY, SDTZ, SCKY, or SCKZ pins. RLDIF = 2 × 51 Ω,
CLDIF = 50 pF, SDTA-SDTB = SCKA-SCKB = 20 MHz,
tR0
15
ns
measured at 0.4 V differential point
Rise time
(see Figure 10 and Figure 11)
At OUTn pins. DCn/BC = 7Fh, RLLED = 27 Ω, CLLED = 15 pF
tR1
10
15
ns
(see Figure 12)
At SDTY, SDTZ, SCKY, or SCKZ pins. RLDIF = 2 × 51 Ω,
CLDIF = 50 pF, SDTA-SDTB = SCKA-SCKB = 20 MHz,
tF0
15
ns
measured at 0.4 V differential point
Fall time
(see Figure 10 and Figure 11)
At OUTn pins. DCn/BC = 7Fh, RLLED = 27 Ω, CLLED = 15 pF
tF1
10
35
ns
(see Figure 12)
(SCKA-SCKB)
↑ – (SDTY-SDTZ) , RLDIF = 2 × 51 Ω,
tD0
20
30
60
ns
CLDIF = 50 pF, DSI mode = 2 (see Figure 10)
(SCKA-SCKB)
↑ – (SDTY-SDTZ) , RLDIF = 2 × 51 Ω,
tD0A
30
50
90
ns
CLDIF = 50 pF, DSI mode = 1 (see Figure 10)
(SCKA-SCKB)
↓ – (SDTY-SDTZ) , RLDIF = 2 × 51 Ω,
tD0B
20
30
55
ns
CLDIF = 50 pF, DSI mode = 0 (see Figure 11)
(SCKA-SCKB)
↑ – (SCKY-SCKZ)↑, RLDIF = 2 × 51 Ω,
tD1
13
19
33
ns
CLDIF = 50 pF, DSI mode = 2 (see Figure 10)
(SCKA-SCKB)
↑ – (SCKY-SCKZ)↑, RLDIF = 2 × 51 Ω,
tD1A
13
19
33
ns
CLDIF = 50 pF, DSI mode = 1 (see Figure 10)
Propagation delay time
(SCKA-SCKB)
↑↓ – (SCKY-SCKZ)↑↓, RLDIF = 2 × 51 Ω,
tD1B
13
20
30
ns
CLDIF = 50 pF, DSI mode = 0 (see Figure 11)
(SCKY-SCKZ)
↑ – (SDTY-SDTZ), RLDIF = 2 × 51 Ω,
tD2
(1)
5
11
30
ns
CLDIF = 50 pF, DSI mode = 2
(SCKY-SCKZ)
↑ – (SDTY-SDTZ), RLDIF = 2 × 51 Ω,
tD2A
(1)
15
31
60
ns
CLDIF = 50 pF, DSI mode = 1
tD3
(SCKA-SCKB)
↑ – OUT0 turns on/off (see Figure 12)
12
30
60
ns
tD4
(SCKA-SCKB)
↑ – OUT1 turns on/off (see Figure 12)
35
70
140
ns
tD5
(SCKA-SCKB)
↑ – OUT2 turns on/off (see Figure 12)
55
110
220
ns
Shift clock output
(SCKY-SCKZ)
↑ – (SCKY-SCKZ) ↓ with DSI mode 1 or mode 2
tW
12
25
35
ns
one pulse width
(see Figure 10)
Shift clock output
High-level pulse width of (SCKA-SCKB) – high-level pulse
tW_ERR
–10
10
ns
pulse width error
width of (SCKY-SCKZ) with DSI mode 0 (see Figure 11)
fOSC
Internal oscillator frequency
8
10
12
MHz
High-side MOS switching
fSW
At PH pin
1
1.25
1.5
MHz
maximum frequency
tDTY0
At PH pin. EEPROM data = 7h
83
86
90
%
On-duty cycle
tDTY1
At PH pin. EEPROM data = 0h
15
18
21
%
tSCP
Short-circuit detection time
VFB < VSCP
2.4
4.0
µs
(1)
The propagation delays are calculated by tD2 = tD0 – tD1, tD2A = tD0A – tD1A.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com