công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC424J600 bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện ENC424J600
Giải thích chi tiết về linh kiện  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 10Page - Microchip Technology ENC424J600 Datasheet HTML 11Page - Microchip Technology ENC424J600 Datasheet HTML 12Page - Microchip Technology ENC424J600 Datasheet HTML 13Page - Microchip Technology ENC424J600 Datasheet HTML 14Page - Microchip Technology ENC424J600 Datasheet HTML 15Page - Microchip Technology ENC424J600 Datasheet HTML 16Page - Microchip Technology ENC424J600 Datasheet HTML 17Page - Microchip Technology ENC424J600 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 168 page
background image
ENC424J600/624J600
DS39935C-page 12
 2010 Microchip Technology Inc.
2.4.1
ADDITIONAL EMI AND LAYOUT
CONSIDERATIONS
To reduce EMI emissions, common-mode chokes are
shown adjacent to the transformers on the cable
(RJ-45) side. These chokes come standard in typical
Ethernet
transformer
modules.
Because
the
ENCX24J600 PHY uses a current-mode drive topol-
ogy, the transmit choke must normally be located on
the cable side of the transmit transformer. Orienting the
magnetics such that the choke is on the PHY side of the
transmit transformer usually results in a distorted,
non-compliant transmit waveform. However, some
magnetics which wrap the TX center tap wire around
the TX choke core can also be used to generate a
compliant waveform (Figure 2-6). These types of trans-
formers may be desirable in some Power-over Ethernet
(PoE) applications.
FIGURE 2-6:
ALTERNATE TX CHOKE
TOPOLOGY
The common-mode choke on the RX interface can be
placed on either the cable side or PHY side of the
receive transformer. Recommended and required mag-
netics characteristics are located in Section 17.0
“Electrical Characteristics”.
The four 75Ω resistors and high-voltage capacitor in
Figure 2-5 are intended to prevent each of the twisted
pairs in the Ethernet cables from floating and radiating
EMI. Their implementation may require adjustment in
PoE applications.
Unless the TX and RX signal pairs are kept short, they
should be routed between the ENCX24J600 and the
Ethernet connector following differential routing rules.
Like Ethernet cables, 100Ω characteristic impedance
should be targeted for the differential traces. The use of
vias, which introduce impedance discontinuities,
should be minimized. Other board level signals should
not run immediately parallel to the TX and RX pairs to
minimize capacitive coupling and crosstalk.
2.5
LEDA and LEDB Pins
The LEDA and LEDB pins provide dedicated LED
status indicator outputs. The LEDs are intended to
display link status and TX/RX activity among other
programmable options; however, the use of one or both
is entirely optional. The pins are driven automatically by
the hardware and require no support from the host
microcontroller. Aside from the LEDs themselves, a
current-limiting resistor is generally the only required
component.
By default on POR, LEDA displays the Ethernet link
status, while LEDB displays PHY-level TX/RX activity.
Because the LEDs operate at the PHY level, RX
activity will be displayed on LEDB any time Ethernet
packets are detected, regardless of if the packet is valid
and meets the correct RX filtering criteria.
Normally, the device illuminates the LED by sourcing
current out of the pin, as shown in Figure 2-7. Connect-
ing the LED in reverse, with the anode connected to
VDD and the cathode to LEDA/LEDB (through a
current-limiting resistor), causes the LED to show
“inverted sense” behavior, lighting the LED when it
should be off and extinguishing the LED when the LED
should be on.
FIGURE 2-7:
SINGLE COLOR LED
CONNECTION
Both LEDs automatically begin operation whenever
power is applied, a 25 MHz clock is present and the
Ethernet magnetics are present and wired correctly. A
connection to the host microcontroller via the SPI or
PSP interface is not required. LEDA and LEDB can,
therefore, be used as a quick indicator of successful
assembly during initial prototype development.
2.5.1
USING BI-COLOR LEDs
In space constrained applications, it is frequently desir-
able to use a single bi-color LED to display multiple
operating parameters. These LEDs are connected
between LEDA and LEDB, as shown in Figure 2-8.
FIGURE 2-8:
BI-COLOR LED
CONNECTION
ENCX24J600 devices include two special hardware
display modes to make maximal use of a bi-color LED.
These modes are selected when the LACFG<3:0> and
LBCFG<3:0> bits (EIDLED<15:8>) are set to ‘1111’ or
‘1110’. In these configurations, the link state turns the
LED on, the speed/duplex state sets the LED color and
TX/RX events cause the LED to blink off. If a link is
present, no TX/RX events are occurring and the
speed/duplex
state
is
100
Mbps/full
duplex,
respectively, then the LEDB pin will be driven high while
LEDA will be driven low.
1:1 CT
PHY
RJ-45
180
LEDA
or
LEDB
LED
180
LEDA
LEDB
LED
Bi-Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com