công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC424J600 bảng dữ liệu(PDF) 53 Page - Microchip Technology

tên linh kiện ENC424J600
Giải thích chi tiết về linh kiện  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 bảng dữ liệu(HTML) 53 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 49Page - Microchip Technology ENC424J600 Datasheet HTML 50Page - Microchip Technology ENC424J600 Datasheet HTML 51Page - Microchip Technology ENC424J600 Datasheet HTML 52Page - Microchip Technology ENC424J600 Datasheet HTML 53Page - Microchip Technology ENC424J600 Datasheet HTML 54Page - Microchip Technology ENC424J600 Datasheet HTML 55Page - Microchip Technology ENC424J600 Datasheet HTML 56Page - Microchip Technology ENC424J600 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 51
ENC424J600/624J600
5.0
PARALLEL SLAVE PORT
INTERFACE (PSP)
ENC424J600/624J600 devices are designed to
interface directly with the parallel port available on
many microcontrollers, including the Parallel Master
Port (PMP) available on many Microchip PIC® micro-
controllers. The Parallel Slave Port interface is highly
flexible, and can communicate using either Intel® or
Motorola® formats for read and write control strobes. In
the event that a parallel port is not available on the host
microcontroller, a software-managed parallel interface
derived from general purpose I/O pins can be used.
When the PSP interface is enabled, the ENCX24J600
functions as a slave device on the parallel bus. The
host controller must be configured to generate the
destination or target address on the slave device, as
well as the necessary port control signals.
5.1
Physical Implementation
The PSP interface is mutually exclusive with the serial
interface. To enable the PSP and disable the SPI, tie
the INT/SPISEL pin to Vss through an external resistor.
The PSP interface can use from 12 to 34 pins, depend-
ing on the device pin count and the PSP operating
mode. There are up to eight modes, covering the
permutations of data widths, data/address multiplexing
and bus strobe formats. The modes are selected by
tieing each of the PSPCFG<4:0> pins to either VDD or
VSS. The available combinations along with relative
performance metrics are summarized in Table 5-1.
Additional information on physical connections are
provided in Section 2.7.2 “PSP”.
In PSP mode, the CS/CS pin becomes the active-high
Chip Select (CS) pin. A weak internal pull-down is auto-
matically connected to the pin when the PSP interface
is selected, preventing the pin from floating to an
indeterminate state when an external Chip Select
signal is absent.
When CS is in the inactive (logic-low) state, the AD15
(64-pin devices only) and AD<14:0> pins are placed in
a high-impedance state and are 5V tolerant. This
allows the ENCX24J600 to share a single parallel bus
with other slave devices that function the same way
while deselected. All other PSP pins, including the
A<14:0> pins (64-pin devices only) and the port control
strobes, are 5V tolerant inputs at all times. Inputs on
these pins are ignored while the chip select pin is at
logic low.
Unlike the SPI port, the use of chip select is optional
with the PSP. The CS pin can be tied permanently to
VDD if the parallel bus is not shared with other slave
devices. This saves one I/O pin from the host controller
while leaving the ENCX24J600 in a perpetually
selected state.
TABLE 5-1:
OPERATING MODES SUPPORTED BY THE PSP INTERFACE
PSP
Mode
Availability
# Pins(1)
Data
Width
Address/Data
Multiplexing
Control Lines
Theoretical
Performance
@ 10 MHz
(Mbit/s)
44-pin 64-pin
Min
Max
1
X
19
26
8 bit
No
CS, RD, WR
80
2
X
19
26
8 bit
No
CS, EN, R/W
80
3
X
26
34
16 bit
No
CS, RD, WRL, WRH
160
4
X
26
34
16 bit
No
CS, R/W, B0SEL, B1SEL
160
5
X
X
12
19
8 bit
Yes
AL, CS, RD, WR
<80
6
X
X
12
19
8 bit
Yes
AL, CS, EN, R/W
<80
9
X
19
21
16 bit
Yes
AL, CS, RD, WRL, WRH
<80
10
X
19
21
16 bit
Yes
AL, CS, R/W, B0SEL,
B1SEL
<80
Note 1: Includes only address, data and port control strobes. INT/SPISEL and PSPCFG pins used for mode
configuration are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com